Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4216 Datasheet(PDF) 8 Page - Cirrus Logic

Part # CS4216
Description  16-Bit Stereo Audio Codec
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4216 Datasheet(HTML) 8 Page - Cirrus Logic

Back Button CS4216 Datasheet HTML 4Page - Cirrus Logic CS4216 Datasheet HTML 5Page - Cirrus Logic CS4216 Datasheet HTML 6Page - Cirrus Logic CS4216 Datasheet HTML 7Page - Cirrus Logic CS4216 Datasheet HTML 8Page - Cirrus Logic CS4216 Datasheet HTML 9Page - Cirrus Logic CS4216 Datasheet HTML 10Page - Cirrus Logic CS4216 Datasheet HTML 11Page - Cirrus Logic CS4216 Datasheet HTML 12Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 58 page
background image
0.1
µF
2.0
1
µF
0.1
µF
+
24
4
VA
VD
23
5
+5 V
S upply
1
µF
+
CS4216
A G ND
D G ND
M F3:D I3/F3/C C L K
MF6 :D I2/F 1
M F1 :DO 4 /F 1 /CDO UT
M F2 :DO 3 /F 2 /CDIN
36
35
34
40
39
38
M F5:D O 2/IN T
MF 4 :D I4/MA /C C S
P a ralle l B its
S ub -M ode
or
Setting s
or
C o n tro l P o rt
DI1
DO 1
33
37
RIN2
26
Line In 2
Rig ht
F e rrite B ea d
N o te : A G N D and D G N D pins M U S T be o n th e sam e gro und plan e
+
40 k
40 k
RO U T
LO U T
15
16
RE F B Y P
21
0.1
µF
+
10
µF
REFG ND
22
+
> 1.0
µF
> 1.0
µF
0 .0022
µF
NP O
600
0.0022
µF
NP O
600
Rig ht
Au d io
Ou tpu t
Left
Au d io
Ou tpu t
PDN
SD O U T
SC LK
SS Y N C
RE S E T
SD IN
2
13
42
44
1
43
C o n tro lle r
CL K IN
3
MF7 :S FS 1
MF8 :S FS 2
SMOD E 1
31
30
29
M ode
Se ttin g
32
SMOD E 2
41
SMOD E 3
LIN 2
28
Line In 2
Le ft
RIN 1
25
Line In 1
Rig h t
RE F B UF
20
0.47
µF
T o O p tional
In pu t B uffe rs
LIN 1
27
Line In 1
Le ft
+5V
Ana log
If a s eparate +5V
A na log supply is use d, re m o ve
the 2.0 o hm re sistor
S ee
A nalog Inputs se ctio n
for su gg ested inp u t ciruits.
R efe r to the
A nalog Inputs
se ctio n fo r te rm in atin g
unu sed lin e inp uts.
A ll othe r unused in puts
sh o uld b e tied to G N D . A ll N C
p in s sh ou ld be le ft floa ting .
Figure 1. Typical Connection Diagram
CS4216
8
DS83F2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com