Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4216 Datasheet(PDF) 43 Page - Cirrus Logic

Part # CS4216
Description  16-Bit Stereo Audio Codec
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4216 Datasheet(HTML) 43 Page - Cirrus Logic

Back Button CS4216 Datasheet HTML 39Page - Cirrus Logic CS4216 Datasheet HTML 40Page - Cirrus Logic CS4216 Datasheet HTML 41Page - Cirrus Logic CS4216 Datasheet HTML 42Page - Cirrus Logic CS4216 Datasheet HTML 43Page - Cirrus Logic CS4216 Datasheet HTML 44Page - Cirrus Logic CS4216 Datasheet HTML 45Page - Cirrus Logic CS4216 Datasheet HTML 46Page - Cirrus Logic CS4216 Datasheet HTML 47Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 58 page
background image
VA
VD
CS4216
U1
CLKIN
LIN2
RIN2
LIN1
RIN1
28
26
27
25
24
4
Ferrite Bead
VA
(+5V)
VD
(+5V)
R26
2
Ω
L1
VA
DGND
AGND
VD
47 uF
+
C29
D4
P6KE
D3
P6KE
47 uF
+
C7
0.1 uF
C28
1 uF
+
C3
0.1 uF
C5
0.1 uF
C30
1 uF
+
C4
0.1 uF
C6
REFBYP
21
10 uF
+
C36
0.1 uF
C35
REFBUF
20
16
1 uF
C32
+
C31
2200 pF
NPO
15
1 uF
C34
+
C33
2200 pF
NPO
47.5 k
R28
47.5 k
R30
LOUT
ROUT
See Figure 7, 8
Line Input
Buffer
See Figure 2
Microphone
Input Buffer
See Figure 3
604
R27
604
R29
AGND
REFGND
DGND
23
22
5
MF4
MF3
MF6
SMODE3
SMODE2
SMODE1
MF7
MF8
3
32
29
31
30
RESET
41
2
36
35
34
See Figure 5
See Figure 5
See Figure 6
LOUT
ROUT
Figure 1. CS4216 and Power Supplies
CDB4216
DS83DB4
43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com