Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4216 Datasheet(PDF) 25 Page - Cirrus Logic

Part # CS4216
Description  16-Bit Stereo Audio Codec
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4216 Datasheet(HTML) 25 Page - Cirrus Logic

Back Button CS4216 Datasheet HTML 21Page - Cirrus Logic CS4216 Datasheet HTML 22Page - Cirrus Logic CS4216 Datasheet HTML 23Page - Cirrus Logic CS4216 Datasheet HTML 24Page - Cirrus Logic CS4216 Datasheet HTML 25Page - Cirrus Logic CS4216 Datasheet HTML 26Page - Cirrus Logic CS4216 Datasheet HTML 27Page - Cirrus Logic CS4216 Datasheet HTML 28Page - Cirrus Logic CS4216 Datasheet HTML 29Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 58 page
background image
nously (every audio frame) with respect to the
interrupt occurrence.
The third section is only needed if sample fre-
quencies need to be changed. This section is
comprised of an HC574 octal latch that can be
replaced by general purpose port pins if avail-
able. This section controls the sample frequency
selection bits: MF6:F1, MF7:F2, MF8:F3 and
the RESET pin. The codec must be reset when
changing sample frequencies.
Power Supply and Grounding
The CS4216, along with associated analog cir-
cuitry, should be positioned in an isolated section
of the circuit board, and have its own, separate,
ground plane. On the CS4216, the analog and
digital grounds are internally connected; there-
fore, the AGND and DGND pins must be
externally connected with no impedance between
them. The best solution is to place the entire
chip on a solid ground plane as shown in Fig-
ure 18. Preferably, it should also have its own
power plane. The +5V supply must be connected
to the CS4216 via a ferrite bead, positioned
closer than 1" to the device. The VA supply can
be derived from VD, as shown in Figure 1. Al-
ternatively, a separate +5V analog supply may be
used for VA, in which case, the 2.0
Ω resistor
between VA and VD should be removed. A sin-
gle connection between the CS4216 ground
(analog ground) and the board digital ground
should be positioned as shown in Figure 18.
Figure 19 illustrates the optimum ground and de-
coupling layout for the CS4216 assuming a
surface-mount socket and leaded decoupling ca-
pacitors. Surface-mount sockets are useful since
the pad locations are identical to the chip pads;
therefore, assuming space for the socket is left
on the board, the socket can be optional for pro-
duction. Figure 19 depicts the top layer,
containing signal traces, and assumes the bottom
or inter-layer contains a fairly solid ground
plane. The important points are that there is solid
ground plane under the codec on the same layer
as the codec and it connects all ground pins with
thick traces providing the absolute lowest imped-
ance between ground pins. The decoupling
capacitors are placed as close as possible to the
device which, in this case, is the socket bound-
ary. The lowest value capacitor is placed closest
to the codec. Vias are placed near the AGND and
DGND pins, under the IC, and should attach to
the solid ground plane on another layer. The
negative side of the decoupling capacitors should
also attach to the same solid ground plane.
Traces and vias bringing power to the codec
should be large, which minimizes the impedance.
Although not shown in the figures, the trace lay-
ers (top layer in the figures) should have ground
plane fill in-between the traces to minimize cou-
pling into the analog section. See the CDB4216
evaluation board as an example.
If using all surface-mount components, the de-
coupling capacitors should be placed on the
same layer as the codec and in the positions
shown in Figure 20. The vias shown are assumed
to attach to the appropriate power and ground
layers. Traces and vias bringing power to the
codec should be as large as possible to minimize
the impedance.
If using a through-hole socket, effort should be
made to find a socket with minimum height,
CS4216
DS83F2
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com