Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS494002 Datasheet(PDF) 59 Page - Cirrus Logic

Part # CS494002
Description  Multi-Standard Audio Decoder Family
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS494002 Datasheet(HTML) 59 Page - Cirrus Logic

Back Button CS494002 Datasheet HTML 55Page - Cirrus Logic CS494002 Datasheet HTML 56Page - Cirrus Logic CS494002 Datasheet HTML 57Page - Cirrus Logic CS494002 Datasheet HTML 58Page - Cirrus Logic CS494002 Datasheet HTML 59Page - Cirrus Logic CS494002 Datasheet HTML 60Page - Cirrus Logic CS494002 Datasheet HTML 61Page - Cirrus Logic CS494002 Datasheet HTML 62Page - Cirrus Logic CS494002 Datasheet HTML 63Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 100 page
background image
59
6.3.5 Intel Parallel Host Communication
Mode for DSPC
The Intel parallel host communication mode is
implemented using the pins given in Table 9.
Parallel host communication is available only on
the 144-pin package version of the CS49400.
The INTREQ pin is asserted (driven low)
whenever the DSP has an outgoing message for the
host. This same information is reflected by the
HOUTRDY bit of the Host Control Register
(A[1:0] = 01b).
INTREQ is useful for informing the host of
unsolicited messages. An unsolicited message is
defined as a message generated by the DSP without
an associated host read request.
6.3.5.1 Writing a Byte in Intel Mode for DSPC
Information provided in this section is intended as
a functional description of how to write control
information to DSPC. The system designer must
ensure that all of the timing constraints of the Intel
Parallel Host Mode Write Cycle are met.
The flow diagram shown in Figure 42 illustrates
the sequence of events that define a one-byte write
in Intel mode. One-byte writes should only be
perfomed to the Host Control and Host Data
registers. The protocol presented in Figure 42 will
now be described in detail.
1) The host must first drive the A1 and A0 register
address pins of DSPC with the address of the
desired Parallel I/O Register. The address is
latched on the falling edge of CS.
Host Control:
A[1:0]==01b.
Host Data1:
A[1:0]==10b.
Host Data2:
A[1:0]==11b.
2) The host initiates a write cycle by driving the
CS and WR pins low.
3) The host drives the data byte to the HDAT[7:0]
pins of DSPC.
4) Once the setup time for the write has been met,
the host ends the write cycle by driving the WR
and CS pins high.
Mnemonic
Pin Name
144-Pin
Package,
Pin
Number
Chip Select
CS
129
Write Enable
WR
120
Output Enable
RD
121
Register Address Bit 1
A1
139
Register Address Bit 0
A0
130
Interrupt Request
INTREQ
3
Host Busy
HINBSY
141
DATA7
HDAT7
95
DATA6
HDAT6
96
DATA5
HDAT5
97
DATA4
HDAT4
103
DATA3
HDAT3
105
DATA2
HDAT2
112
DATA1
HDAT1
115
DATA0
HDAT0
116
Table 9. Intel Mode Communication Signals for DSPC
CS (HIGH)
WR (HIGH)
W RITEBYTETO
HDAT[7:0]
CS (LOW )
WR (LOW )
ADDRESS A PARALLEL I/O REGISTER
(A[1:0] SET APPROPRIATELY)
Figure 42. Intel Mode, One-Byte Write Flow Diagram
for DSPC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com