Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS494002 Datasheet(PDF) 99 Page - Cirrus Logic

Part # CS494002
Description  Multi-Standard Audio Decoder Family
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS494002 Datasheet(HTML) 99 Page - Cirrus Logic

Back Button CS494002 Datasheet HTML 92Page - Cirrus Logic CS494002 Datasheet HTML 93Page - Cirrus Logic CS494002 Datasheet HTML 94Page - Cirrus Logic CS494002 Datasheet HTML 95Page - Cirrus Logic CS494002 Datasheet HTML 96Page - Cirrus Logic CS494002 Datasheet HTML 97Page - Cirrus Logic CS494002 Datasheet HTML 98Page - Cirrus Logic CS494002 Datasheet HTML 99Page - Cirrus Logic CS494002 Datasheet HTML 100Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 99 / 100 page
background image
99
14. PACKAGE DIMENSIONS
14.1 144-Pin LQFP Package
INCHES
MILLIMETERS
DIM
MIN
NOM
MAX
MIN
A
---
0.55
0.063
---
A1
0.002
0.004
0.006
0.05
B
0.007
0.008
0.011
0.17
D
0.854
0.866 BSC
0.878
21.70
D1
0.783
0.787 BSC
0.791
19.90
E
0.854
0.866 BSC
0.878
21.70
E1
0.783
0.787 BSC
0.791
19.90
e
0.016
0.020
0.024
0.40
Θ
0.000°
4°
7.000°
0.00°
L
0.018
0.024
0.030
0.45
E1
E
D1
D
1
e
L
Θ
B
A1
A
Figure 59. 144-Pin LQFP Package Drawing
Note: See Legend Below



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com