Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS494002 Datasheet(PDF) 65 Page - Cirrus Logic

Part # CS494002
Description  Multi-Standard Audio Decoder Family
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS494002 Datasheet(HTML) 65 Page - Cirrus Logic

Back Button CS494002 Datasheet HTML 61Page - Cirrus Logic CS494002 Datasheet HTML 62Page - Cirrus Logic CS494002 Datasheet HTML 63Page - Cirrus Logic CS494002 Datasheet HTML 64Page - Cirrus Logic CS494002 Datasheet HTML 65Page - Cirrus Logic CS494002 Datasheet HTML 66Page - Cirrus Logic CS494002 Datasheet HTML 67Page - Cirrus Logic CS494002 Datasheet HTML 68Page - Cirrus Logic CS494002 Datasheet HTML 69Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 100 page
background image
65
pins of DSPC.
8) Once the setup time for the data has been met,
the host latches this byte in by driving DS high.
9) The host drive DS low.
10) The host drives the next most significant data
byte, BYTE_A (bits 15:8), to the HDAT[7:0]
pins of DSPC.
11) Once the setup time for the data has been met,
the host latches this byte in by driving DS high.
12) The host drive DS low.
13) The host drives the least significant data byte
(bits 7:0) to the HDAT[7:0] pins of DSPC.
14) Once the setup time for the data has been met,
the host latches this byte in by driving DS high.
15) The host ends the write cycle by driving the CS
pin high.
6.3.6.3 Reading a Byte in Motorola Mode for
DSPC
Information provided in this section is intended as
a functional description of how to write control
information to DSPC. The system designer must
ensure that all of the timing constraints of the
Motorola Parallel Host Mode Read Cycle are met.
The flow diagram shown in Figure 48 illustrates
the sequence of events that define a one-byte read
in Motorola mode. Single byte reads should only be
done with the Host Control register. The protocol
presented in Figure 48 will now be described in
detail.
1) The host must first drive the A1 and A0 register
address pins of DSPC with the address of the
desired Parallel I/O Register (A1=0, A0=1).
The address must be maintained for the
duration of the read cycle, and is latched on the
falling edge of CS.
Host Control:
A[1:0]==01b.
2) The host indicates that this is a read cycle by
driving the R/W pin high.
3) The host initiates a read cycle by driving the CS
and DS pins low (bus must be tri-stated by this
time).
4) Once the data is valid (after waiting the
appropriate time specified in the timing
specifications), the host can read the value of
the selected register from the HDAT[7:0] pins
of DSPC.
5) The host should now terminate the read cycle
by driving the CS and DS pins high.
6.3.6.4 Reading a 32-bit (4-byte) word from
DSPC in Motorola mode
Information provided in this section is intended as
a functional description of how to read control
information from DSPC. The system designer must
ensure that all of the timing constraints of the
Motorola Parallel Host Mode Read Cycle are met.
The flow diagram shown in Figure 49, "Motorola
Mode, 32-Bit (4-Byte) Read Flow Diagram for
DSPC" on page 66 illustrates the sequence of
events that define a 32-bit (4-byte) read in
Motorola mode. Reading a 32-bit (4-byte) word
should only be done with the Host Message
CS (HIGH)
DS (HIGH)
RE AD B YTE FROM
HDA T[7 :0]
CS (LOW )
DS (LOW )
R/W (HIGH)
A DDRE SS A PA RALLE L I/O REGISTE R
(A [1:0 ] S ET AP PRO PRIA TE LY)
Figure 48. Motorola Mode, One-Byte Read Flow
Diagram for DSPC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com