Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS494002 Datasheet(PDF) 23 Page - Cirrus Logic

Part # CS494002
Description  Multi-Standard Audio Decoder Family
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS494002 Datasheet(HTML) 23 Page - Cirrus Logic

Back Button CS494002 Datasheet HTML 19Page - Cirrus Logic CS494002 Datasheet HTML 20Page - Cirrus Logic CS494002 Datasheet HTML 21Page - Cirrus Logic CS494002 Datasheet HTML 22Page - Cirrus Logic CS494002 Datasheet HTML 23Page - Cirrus Logic CS494002 Datasheet HTML 24Page - Cirrus Logic CS494002 Datasheet HTML 25Page - Cirrus Logic CS494002 Datasheet HTML 26Page - Cirrus Logic CS494002 Datasheet HTML 27Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 100 page
background image
23
1.15 Switching Characteristics — Serial Audio Input (DSPC)
(TA =25 °C; VDD, PLLVDD = 2.5 V; VDDSD = 3.3 V; CL =20pF)
Notes: 1. Slave mode is defined as SCLKN and LRCLKN being driven by an external source.
2. This timing parameter is defined from the active edge of SCLKN. The active edge of SCLKN is the point
at which the data is valid.
Parameter
Symbol
Min
Max
Unit
Slave Mode
SCLKN period for Slave mode
Tsclki
40
-
ns
SCLKN duty cycle for Slave mode
45
55
%
Time from active edge of SCLKN to LRCLKN transition
Tstlr
20
-
ns
Time from LRCLKN transition to SCLKN active edge
Tlrts
20
-
ns
SDATAN0 setup to SCLKN transition
(Notes 2)
Tsdsus
10
-
ns
SDATAN0 hold time after SCLKN transition
(Notes 2)
Tsdhs
10
-
ns
SCLKN
Tsclki
SDATAN0, 1, 2, 3
LRCLKN
Tlrts
Tstlr
Tsdsus
Tsdhs
Figure 14. Serial Audio Input Data, Slave Clock Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com