Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS494002 Datasheet(PDF) 60 Page - Cirrus Logic

Part # CS494002
Description  Multi-Standard Audio Decoder Family
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS494002 Datasheet(HTML) 60 Page - Cirrus Logic

Back Button CS494002 Datasheet HTML 56Page - Cirrus Logic CS494002 Datasheet HTML 57Page - Cirrus Logic CS494002 Datasheet HTML 58Page - Cirrus Logic CS494002 Datasheet HTML 59Page - Cirrus Logic CS494002 Datasheet HTML 60Page - Cirrus Logic CS494002 Datasheet HTML 61Page - Cirrus Logic CS494002 Datasheet HTML 62Page - Cirrus Logic CS494002 Datasheet HTML 63Page - Cirrus Logic CS494002 Datasheet HTML 64Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 100 page
background image
60
6.3.5.2 Writing a 32-bit (4-byte) Word in Intel
Mode for DSPC
Information provided in this section is intended as
a functional description of how to write control
information to DSPC. The system designer must
ensure that all of the timing constraints of the Intel
Parallel Host Mode Write Cycle are met.
The flow diagram shown in Figure 43 illustrates
the sequence of events that define a 4-byte write in
Intel mode. 32-bit (4-byte) writes should only be
used to write to the Host Message register. The
protocol presented in Figure 43 will now be
described in detail.
1) The host must first drive the A1 and A0 register
address pins of DSPC with the address of the
desired Parallel I/O Register (both low for
A1=A0=0). The address must be maintained
for the duration of the write cycle, and is
latched on the falling edge of CS and WR.
Host Message:
A[1:0]==00b.
2) The host initiates a write cycle by driving the
CS and WR pins low.
3) The host drives the most significant data byte
(bits 31:24) to the HDAT[7:0] pins of DSPC.
4) Once the setup time for the write has been met,
the host drives WR high to strobe in the most
significant data byte.
5) The host drives WR low.
6) The host drives the next most significant data
byte, BYTE_B (bits 23:16), to the HDAT[7:0]
pins of DSPC.
7) Once the setup time for the write has been met,
the host drives WR high to strobe in the data
byte.
8) The host drives WR low.
9) The host drives the next most significant data
byte, BYTE_A (bits 15:8), to the HDAT[7:0]
pins of DSPC.
10) Once the setup time for the write has been met,
the host drives WR high to strobe in the data
byte.
11) The host drives WR low.
12) The host drives the least significant data byte
(bits 7:0) to the HDAT[7:0] pins of DSPC.
13) Once the setup time for the write has been met,
the host drives WR high to strobe in the data
byte.
14) The host drives CS high to end the write
transaction.
6.3.5.3 Reading a Byte in Intel Mode for DSPC
Information provided in this section is intended as
a functional description of how to read control
information from DSPC. The system designer must
ensure that all of the timing constraints of the Intel
Parallel Host Mode Read Cycle are met.
The flow diagram shown in Figure 44 illustrates
the sequence of events that define a one-byte read
in Intel mode. One-byte reads should only be done
with the Host Control register. The protocol
presented in Figure 44 will now be described in
detail.
CS (HIGH)
RD (HIGH)
READ BYTE FROM
HDAT[7:0]
CS (LOW)
RD (LOW)
ADDRESS A PARALLEL I/O REGISTER
(A[1:0] SET APPROPRIATELY)
Figure 44. Intel Mode, One-Byte Read Flow Diagram
for DSPC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com