Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS494002 Datasheet(PDF) 77 Page - Cirrus Logic

Part # CS494002
Description  Multi-Standard Audio Decoder Family
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS494002 Datasheet(HTML) 77 Page - Cirrus Logic

Back Button CS494002 Datasheet HTML 73Page - Cirrus Logic CS494002 Datasheet HTML 74Page - Cirrus Logic CS494002 Datasheet HTML 75Page - Cirrus Logic CS494002 Datasheet HTML 76Page - Cirrus Logic CS494002 Datasheet HTML 77Page - Cirrus Logic CS494002 Datasheet HTML 78Page - Cirrus Logic CS494002 Datasheet HTML 79Page - Cirrus Logic CS494002 Datasheet HTML 80Page - Cirrus Logic CS494002 Datasheet HTML 81Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 100 page
background image
77
START
MSG==
A B_APP _S TART
AB _AP PLICATION _RUNNING
RES ET(LOW )
RES ET(HIGH)
WAIT 10 uS
READ-AB_*(AB _M ESSAGE)
E XIT(E RROR)
W RITE-AB _*(A B_HW _CONFIG_M S G,
MS G_SIZE)
W RITE-AB _*(A B_S W _CONFIG_MS G,
MS G_SIZE)
W RITE-A B_*(K IC KS TA RT,
MS G_SIZE)
N
Y
FINTREQ LOW ?
TIME OUT
A FTE R (5 m S )
N
Y
C _A PP LICA TION_RUNNING
W RITE -C_*(C_HW _CONFIG_M S G,
MSG_S IZE)
W RITE -C_*(C_S W _CONFIG_MS G,
MSG_S IZE)
W RITE-C_*(KICK START,
MSG_S IZE)
W RITE-C_*(C_S OFT_RES ET)
INTRE Q LOW ?
MS G==
C_AP P_S TA RT
TIM EOUT
AFTE R (5 m S)
READ-C_*(C_MESSAGE)
E XIT(ERROR)
N
N
Y
Y
Figure 54. Host Controlled Master Softreset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com