Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS494002 Datasheet(PDF) 64 Page - Cirrus Logic

Part # CS494002
Description  Multi-Standard Audio Decoder Family
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS494002 Datasheet(HTML) 64 Page - Cirrus Logic

Back Button CS494002 Datasheet HTML 60Page - Cirrus Logic CS494002 Datasheet HTML 61Page - Cirrus Logic CS494002 Datasheet HTML 62Page - Cirrus Logic CS494002 Datasheet HTML 63Page - Cirrus Logic CS494002 Datasheet HTML 64Page - Cirrus Logic CS494002 Datasheet HTML 65Page - Cirrus Logic CS494002 Datasheet HTML 66Page - Cirrus Logic CS494002 Datasheet HTML 67Page - Cirrus Logic CS494002 Datasheet HTML 68Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 100 page
background image
64
3) The host initiates a write cycle by driving the
CS and DS pins low.
4) The host drives the data byte to the HDAT[7:0]
pins of DSPC.
5) Once the setup time for the write has been met,
the host ends the write cycle by driving the DS
and CS pins high.
6.3.6.2
Writing a 32-bit (4-byte) Word in
Motorola Mode for DSPC
Information provided in this section is intended as
a functional description of how to write control
information to DSPC. The system designer must
ensure that all of the timing constraints of the
Motorola Parallel Host Mode Write Cycle are met.
The flow diagram shown in Figure 43 illustrates
the sequence of events that define a 32-bit (4-byte)
write in Motorola mode. 32-bit (4-byte) writes
should only be done to the Host Message register.
The protocol presented in Figure 43 will now be
described in detail.
1) The host must first drive the A1 and A0 register
address pins of DSPC with the address of the
desired parallel I/O register (A1=A0=0). The
address must be maintained for the duration of
the write cycle, and is latched on the falling
edge of CS.
Host Message:
A[1:0]==00b.
2) The host indicates that this is a write cycle by
driving the R/W pin low.
3) The host initiates a write cycle by driving the
CS and DS pins low.
4) The host drives the most significant data byte
(bits 31:24) to the HDAT[7:0] pins of DSPC.
5) Once the setup time for the data has been met,
the host latches this byte in by driving DS high.
6) The host drive DS low.
7) The host drives the next most significant data
byte, BYTE_B (bits 23:16), to the HDAT[7:0]
R/W (LOW)
ADDRESS A PARALLEL I/O REGISTER
(A[1:0] SET APPROPRIATELY)
CS (HIGH)
CS (LOW)
DS (LOW)
WRITE MS_BYTE TO
HDAT[7:0]
DS (HIGH)
DS (LOW)
WRITEBYTE_BTO
HDAT[7:0]
DS (HIGH)
DS (LOW)
WRITEBYTE_ATO
HDAT[7:0]
DS (HIGH)
DS (LOW)
WRITE LS_BYTE TO
HDAT[7:0]
DS (HIGH)
Figure 47. Motorola Mode, 32-bit (4-byte) Write Flow
Diagram for DSPC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com