Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS494002 Datasheet(PDF) 69 Page - Cirrus Logic

Part # CS494002
Description  Multi-Standard Audio Decoder Family
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS494002 Datasheet(HTML) 69 Page - Cirrus Logic

Back Button CS494002 Datasheet HTML 65Page - Cirrus Logic CS494002 Datasheet HTML 66Page - Cirrus Logic CS494002 Datasheet HTML 67Page - Cirrus Logic CS494002 Datasheet HTML 68Page - Cirrus Logic CS494002 Datasheet HTML 69Page - Cirrus Logic CS494002 Datasheet HTML 70Page - Cirrus Logic CS494002 Datasheet HTML 71Page - Cirrus Logic CS494002 Datasheet HTML 72Page - Cirrus Logic CS494002 Datasheet HTML 73Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 100 page
background image
69
HOUTRDY bit (return to step 1).
6) After the response has been read the host
should wait at least 100 uS and check
HOUTRDY one final time. If HOUTRDY is
high once again this means that an unsolicited
message has come during the read process and
the host has another message to read (i.e. skip
back to step 4 and read out the new message). It
is the host’s responsibility to insure that any
pending messages are read from the DSP.
Failure to do this may cause the DSP’s output
message buffer to overflow, corrupting any
pending outbound messages.
7. EXTERNAL MEMORY
The system designer has the option of using
external memory. The external memory interface is
implemented with two controllers. The SRAM
controller allows the DSP to autoboot from a
parallel FLASH or EEPROM device. The SRAM
and SDRAM controllers are used to extend the data
memory of the DSP during runtime. A system can
use a FLASH/EEPROM device for autoboot, and
either SRAM or SDRAM for runtime memory. The
application user’s guide for a particular code load
will inform the system designer if memory is
required, and will specify the memory type and
speed. If no mention is made of external memory,
then external memory is not required for that
application. The SDRAM interface is not
available on the 100-pin device.
The signals for the external memory interface
are listed in Table 11.and Table 12.
For both controllers, memory access speed is
controlled by the DSP clock setting which is
constrained by the application code. The SRAM
interface is capable of in-system programming a
FLASH device. Wait states are available to support
slower FLASH/EEPROM and SRAM devices. The
SRAM interface supports 1Mx8 addressable space.
We recommend 12nS or better SRAM for optimal
performance. The SDRAM interface supports
16Mbit parts organized as 512k x 16bits x 2 banks
which yields a 1Mx16 addressable space. The burst
Pin Name
Pin Description
144-Pin
Number
100-Pin
Number
EXTA0
SRAM Address 0
73
51
EXTA1
SRAM Address 1
74
52
EXTA2
SRAM Address 2
75
53
EXTA3
SRAM Address 3
76
54
EXTA4
SRAM Address 4
67
46
EXTA5
SRAM Address 5
66
45
EXTA6
SRAM Address 6
65
44
EXTA7
SRAM Address 7
63
43
EXTA8
SRAM Address 8
62
42
EXTA9
SRAM Address 9
60
41
EXTA10
SRAM Address 10
72
50
EXTA11
SRAM Address 11
56
40
EXTA12
SRAM Address 12
55
39
EXTA13
SRAM Address 13
54
38
EXTA14
SRAM Address 14
53
37
EXTA15
SRAM Address 15
52
36
EXTA16
SRAM Address 16
49
35
EXTA17
SRAM Address 17
47
34
EXTA18
SRAM Address 18
46
33
EXTA19
SRAM Address 19
71
N/A
EXTD0
SRAM Data 0
34
23
EXTD1
SRAM Data 1
35
24
EXTD2
SRAM Data 2
36
25
EXTD3
SRAM Data 3
37
26
EXTD4
SRAM Data 4
38
27
EXTD5
SRAM Data 5
40
28
EXTD6
SRAM Data 6
43
31
EXTD7
SRAM Data 7
44
32
NV_OE#
SRAM Output Enable
31
21
NV_WE#
SRAM Write Enable
71
N/A
NV_CS#
SRAM Chip Select
32
22
Table 11. SRAM Interface Pins
Pin Name
Pin Description
144-Pin
Number
SD_DATA0
SDRAM Data 0
34
SD_DATA1
SDRAM Data 1
35
SD_DATA2
SDRAM Data 2
36
SD_DATA3
SDRAM Data 3
37
SD_DATA4
SDRAM Data 4
38
SD_DATA5
SDRAM Data 5
40
SD_DATA6
SDRAM Data 6
43
SD_DATA7
SDRAM Data 7
44
SD_DATA8
SDRAM Data 8
56
SD_DATA9
SDRAM Data 9
55
SD_DATA10
SDRAM Data 10
54
SD_DATA11
SDRAM Data 11
53
SD_DATA12
SDRAM Data 12
52
SD_DATA13
SDRAM Data 13
49
SD_DATA14
SDRAM Data 14
47
Table 12. SDRAM Interface Pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com