Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS494002 Datasheet(PDF) 79 Page - Cirrus Logic

Part # CS494002
Description  Multi-Standard Audio Decoder Family
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS494002 Datasheet(HTML) 79 Page - Cirrus Logic

Back Button CS494002 Datasheet HTML 75Page - Cirrus Logic CS494002 Datasheet HTML 76Page - Cirrus Logic CS494002 Datasheet HTML 77Page - Cirrus Logic CS494002 Datasheet HTML 78Page - Cirrus Logic CS494002 Datasheet HTML 79Page - Cirrus Logic CS494002 Datasheet HTML 80Page - Cirrus Logic CS494002 Datasheet HTML 81Page - Cirrus Logic CS494002 Datasheet HTML 82Page - Cirrus Logic CS494002 Datasheet HTML 83Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 100 page
background image
79
pin names, mnemonics and pin numbers associated
with the DAI.
The DAI is fully configurable including support for
I2S and left-justified formats. DAI is programmed
for
slave
clocks,
where
FLRCLKN1
and
FSCLKN1 are inputs. All DAI configuration
messages mustbe sentto DSPAB.
11.3 Compressed Data Input Port
The compressed data input port (CDI) on DSPAB
can be used for both compressed and PCM data
input. Table 19 shows the mnemonic, pin name,
and pin number of the pins associated with the CDI
port on the CS49400.
The CDI port is fully configurable for all data
formats
including:
I2S,
left-justified
and
multichannel formats. FLRCLKN2 and FSCLKN2
on the CDI port are programmed to be inputs. All
CDI configuration messages must be sent to
DSPAB.
11.4 Input Data Hardware Configuration
for CDI and DAI on DSPAB
Both data format (I2S, Left Justified) and data type
(compressed or PCM) are required to fully define
the input port’s hardware configuration. The DAI
and the CDI are configured by the same group of
messages
since
their
configurations
are
interrelated. The naming convention of the input
hardware configuration is as follows:
INPUT AB C
where A, B, C and are the parameters used to fully
define the input port. The parameters are defined as
follows:
A - Data Type
B- Data Format
C - SCLK Polarity
Pin Name
Pin Description
144-Pin
Package,
Pin
Number
100-Pin
Package,
Pin
Number
FSDATAN1
Serial Data In
131
84
FSCLKN1
FSTCCLK2
Serial Bit Clock
Secondary STC
Clock
134
81
FLRCLKN1
Frame Clock
119
85
Table 18. Digital Audio Input Port
FLRCLKN1
FSCLKN1
FSDATAN1
MSB
LSB
Left
Right
MSB
LSB
Figure 55. I
2SFormat
FLRCLKN1
FSCLKN1
FSDATAN1
MSB
LSB
Left
Right
MSB
LSB
MSB
Figure 56. Left Justified Format (Rising Edge Valid SCLK)
Pin Name
Pin Description
144-Pin
Package,
Pin
Number
100-Pin
package,
Pin
Number
FSDATAN2
CMPDAT
Serial Data In
Compressed Data
In
118
79
FSCLKN2
CMPCLK
Serial Bit Clock
111
78
FLRCLKN2
CMPREQ
Frame Clock
Data Request Out
117
80
Table 19. Compressed Data Input Port



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com