Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS494002 Datasheet(PDF) 10 Page - Cirrus Logic

Part # CS494002
Description  Multi-Standard Audio Decoder Family
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS494002 Datasheet(HTML) 10 Page - Cirrus Logic

Back Button CS494002 Datasheet HTML 6Page - Cirrus Logic CS494002 Datasheet HTML 7Page - Cirrus Logic CS494002 Datasheet HTML 8Page - Cirrus Logic CS494002 Datasheet HTML 9Page - Cirrus Logic CS494002 Datasheet HTML 10Page - Cirrus Logic CS494002 Datasheet HTML 11Page - Cirrus Logic CS494002 Datasheet HTML 12Page - Cirrus Logic CS494002 Datasheet HTML 13Page - Cirrus Logic CS494002 Datasheet HTML 14Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 100 page
background image
10
1.8 Switching Characteristics — Intel® Host Slave Mode (DSPAB)
(TA =25 °C; VDD, PLLVDD = 2.5 V; VDDSD = 3.3 V; CL =20pF)
Notes: 1. Certain timing parameters are normalized to the DSP clock period, DCLKP. DCLKP = 1/DCLK. The
DSP clock can be defined as follows:
Internal Clock Mode:
DCLK ~ 60MHz before and during boot, i.e. DCLKP ~ 16.6ns
DCLK ~ 86 MHz after boot, i.e. DCLKP ~ 11.6ns
It should be noted that DCLK for the internal clock mode is application specific. The application code
users guide should be checked to confirm DCLK for the particular application.
Parameter
Symbol
Min
Max
Unit
Address setup before FCS and FRD low or FCS and FWR low
Tias
5-
ns
Address hold time after FCS and FRD low or FCS and FWR
high
Tiah
5-
ns
Read
Delay between FRD then FCS low or FCS then FRD low
Ticdr
0-
ns
Data valid after FCS and FRD low
Tidd
-21
ns
FCS and FRD low for read
(Note 1)
Tirpw
DCLKP + 10
-
ns
Data hold time after FCS or FRD high
Tidhr
5-
ns
Data high-Z after FCS or FRD high
Tidis
-22
ns
FCS or FRD high to FCS and FRD low for next read (Note 1)
Tird
2*DCLKP + 10
-
ns
FCS or FRD high to FCS and FWR low for next write (Note 1)
Tirdtw
2*DCLKP + 10
-
ns
Write
Delay between FWR then FCS low or FCS then FWR low
Ticdw
0-
ns
Data setup before FCS or FWR high
Tidsu
20
-
ns
FCS and FWR low for write
(Note 1)
Tiwpw
DCLKP + 10
-
ns
Data hold after FCS or FWR high
Tidhw
5-
ns
FCS or FWR high to FCS and FRD low for next read (Note 1)
Tiwtrd
2*DCLKP + 10
-
ns
FCS or FWR high to FCS and FWR low for next write (Note 1)
Tiwd
2*DCLKP + 10
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com