Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS494002 Datasheet(PDF) 20 Page - Cirrus Logic

Part # CS494002
Description  Multi-Standard Audio Decoder Family
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS494002 Datasheet(HTML) 20 Page - Cirrus Logic

Back Button CS494002 Datasheet HTML 16Page - Cirrus Logic CS494002 Datasheet HTML 17Page - Cirrus Logic CS494002 Datasheet HTML 18Page - Cirrus Logic CS494002 Datasheet HTML 19Page - Cirrus Logic CS494002 Datasheet HTML 20Page - Cirrus Logic CS494002 Datasheet HTML 21Page - Cirrus Logic CS494002 Datasheet HTML 22Page - Cirrus Logic CS494002 Datasheet HTML 23Page - Cirrus Logic CS494002 Datasheet HTML 24Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 100 page
background image
20
1.13 Switching Characteristics — SPI Control Port Slave Mode (DSPC)
(TA =25 °C; VDD, PLLVDD = 2.5 V; VDDSD = 3.3 V; CL =20pF)
Notes: 1. The specification fsck indicates the maximum speed of the hardware. The system designer should be
aware that the actual maximum speed of the communication port may be limited by the software. The
relevant application code user’s manual should be consulted for the software speed limitations.
2. Data must be held for sufficient time to bridge the transition time of SCCLK.
Parameter
Symbol
Min
Max
Units
SCCLK clock frequency
(Note 1)
fsck
-5
MHz
CS falling to SCCLK rising
tcss
4*DCLKP
-
ns
SCCLK low time
tscl
4*DCLKP
-
ns
SCCLK high time
tsch
4*DCLKP
-
ns
Setup time SCDIN to SCCLK rising
tcdisu
DCLKP
-
ns
Hold time SCCLK rising to SCDIN
(Note 2)
tcdih
DCLKP+20
-
ns
Time from SCCLK low to SCDOUT valid
tscdov
-
3*DCLKP+20
ns
Time from SCCLK rising to INTREQ rising
tscrh
-
DCLKP
ns
Hold time for INTREQ from SCCLK rising
tscrl
DCLKP
-
ns
Time from SCCLK falling to CS rising
tsccsh
2*DCLKP+15
-
ns
Time from SCCLK low to CS falling
tsccsl
10
ns
High time between active CS
tcsht
4*DCLKP
-
ns
Time from CS rising to SCDOUT high-Z
tcscdo
DCLKP
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com