Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS494002 Datasheet(PDF) 46 Page - Cirrus Logic

Part # CS494002
Description  Multi-Standard Audio Decoder Family
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS494002 Datasheet(HTML) 46 Page - Cirrus Logic

Back Button CS494002 Datasheet HTML 42Page - Cirrus Logic CS494002 Datasheet HTML 43Page - Cirrus Logic CS494002 Datasheet HTML 44Page - Cirrus Logic CS494002 Datasheet HTML 45Page - Cirrus Logic CS494002 Datasheet HTML 46Page - Cirrus Logic CS494002 Datasheet HTML 47Page - Cirrus Logic CS494002 Datasheet HTML 48Page - Cirrus Logic CS494002 Datasheet HTML 49Page - Cirrus Logic CS494002 Datasheet HTML 50Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 100 page
background image
46
reason, the serial clock should default to low so
that eight transitions from low to high to low
will occur for each byte.
4) When all 4 data bytes have been transferred,
chip select should be raised to signify an end of
write. Once again it is crucial that the serial
clock transitions from high to low on the last bit
of the last byte before chip select is raised, or a
loss of data will occur.
5) If more data needs to be sent, the host must
verify that the HINBSY pin is low before it
sends more data to DSPC. Note the HINBSY
pin is available only on the 144 pin devices. A
32
µS byte to byte latency must be obeyed
during run time for the 100 pin devices.
The same write routine could be used to send a 4-
byte message or an entire application code image.
From a hardware perspective, communication must
be in 4-byte multiples.
6.1.2.2 Reading in SPI for DSPC
A read operation is necessary when DSPC signals
that it has data to be read. DSPC does this by
dropping its interrupt request line (INTREQ) low.
When reading from the device in SPI, the same
protocol will be used whether reading a single byte
or multiple bytes. The examples shown in this
document can be expanded to fit any read situation.
Figure 35, "SPI Read Flow Diagram for DSPC" on
page 46 shows a typical read sequence:
The following is a detailed description of an SPI
read sequence with DSPC.
1) An SPI read transaction is initiated by DSPC
dropping INTREQ, signaling that it has data to
be read.
2) The host responds by driving chip select (SCS)
low.
3) This is followed by a 7-bit address and the
read/write bit set high for a read. The address
for DSPC defaults to 1000001b. It is necessary
to clock this address in prior to any transfer in
order for DSPC to acknowledge the read. In
other words a byte of 0x83 should be clocked
into the device preceding any read. The 0x83
byte represents the 7 bit address 1000001b, and
the least significant bit set to 1 designates a
read.
4) After the falling edge of the serial control clock
(SCCLK) for the read/write bit, the data is
ready to be clocked out on the control data out
pin (CDOUT). Data clocked out by the host is
valid on the rising edge of SCCLK and data
transitions occur on the falling edge of SCCLK.
The serial clock should default to low so that
eight transitions from low to high to low will
occur for each byte.
INTREQ (LO W )?
INTREQ STILL LOW ?
SCS HIGH
Y
N
SCS LO W
REA D 4 DA TA BYTES
W RITE ADD RESS BYTE
W ITH MODE BIT S ET TO
1FOR RE AD
Y
N
Figure 35. SPI Read Flow Diagram for DSPC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com