Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS494002 Datasheet(PDF) 30 Page - Cirrus Logic

Part # CS494002
Description  Multi-Standard Audio Decoder Family
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS494002 Datasheet(HTML) 30 Page - Cirrus Logic

Back Button CS494002 Datasheet HTML 26Page - Cirrus Logic CS494002 Datasheet HTML 27Page - Cirrus Logic CS494002 Datasheet HTML 28Page - Cirrus Logic CS494002 Datasheet HTML 29Page - Cirrus Logic CS494002 Datasheet HTML 30Page - Cirrus Logic CS494002 Datasheet HTML 31Page - Cirrus Logic CS494002 Datasheet HTML 32Page - Cirrus Logic CS494002 Datasheet HTML 33Page - Cirrus Logic CS494002 Datasheet HTML 34Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 100 page
background image
30
1.20 Switching Characteristics — SDRAM Interface
(TA =25 °C; VDD, PLLVDD = 2.5 V; VDDSD = 3.3 V; CL = 20 pF, SD_CLKOUT = SD_CLKIN)
Figure 23. SDRAM Controller Timing Diagram - Load Mode Register Cycle
Parameter
Symbol
Min
Max
Unit
SD_CLKIN high time
tclk_high
0.475*DCLKP
-
ns
SD_CLKIN low time
tclk_low
0.475*DCLKP
-
ns
SD_CLKOUT rise/fall time
tclkrf
-1
ns
SD_CLKOUT duty cycle
tclkrf
45
55
%
SD_CLKOUT rising edge to signal valid
td
-9.8
ns
Signal hold from SD_CLKOUT rising edge
th
1.0
ns
SD_CLKOUT rising edge to SD_DQMn valid
tDQd
-7.2
ns
SD_DQMn hold from SD_CLKOUT rising edge
tDQh
1.0
-
ns
SD_DATA valid setup to SD_CLKIN rising edge
tDAs
8.3
ns
SD_DATA valid hold to SD_CLKIN rising edge
tDAh
1.0
ns
SD_CLKOUT rising edge to ADDRn valid
td
-8.0
ns
SD _CL K O UT
S
S
S
SD
D
D
D_
__
_C
C
C
CS
S
S
S
S
S
S
SD
D
D
D_
__
_R
R
R
RA
A
A
AS
S
S
S
S
S
S
SD
D
D
D_
__
_C
C
C
CA
A
A
AS
S
S
S
S
S
S
SD
D
D
D_
__
_W
W
W
WE
E
E
E
SD _DQ M n
SD_ ADDRn
SD_ DATAn
OP CO DE
t
d
t
h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com