Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS494002 Datasheet(PDF) 42 Page - Cirrus Logic

Part # CS494002
Description  Multi-Standard Audio Decoder Family
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS494002 Datasheet(HTML) 42 Page - Cirrus Logic

Back Button CS494002 Datasheet HTML 38Page - Cirrus Logic CS494002 Datasheet HTML 39Page - Cirrus Logic CS494002 Datasheet HTML 40Page - Cirrus Logic CS494002 Datasheet HTML 41Page - Cirrus Logic CS494002 Datasheet HTML 42Page - Cirrus Logic CS494002 Datasheet HTML 43Page - Cirrus Logic CS494002 Datasheet HTML 44Page - Cirrus Logic CS494002 Datasheet HTML 45Page - Cirrus Logic CS494002 Datasheet HTML 46Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 100 page
background image
42
pin name, and pin number of each of these signals
on DSPAB.
6.1.1.1 Writing in SPI for DSPAB
When writing to the device in SPI the same
protocol will be used whether writing a byte, a
message, or even an entire executable download
image. The examples shown in this document can
be expanded to fit any write situation. Figure 30,
"SPI Write Flow Diagram for DSPAB" on page 42
shows a typical write sequence:
The following is a detailed description of an SPI
write sequence with DSPAB.
1) An SPI transfer is initiated when chip select
(FCS) is driven low.
2) This is followed by a 7-bit address and the
read/write bit set low for a write. The address
for DSPAB defaults to 1000000b. It is
necessary to clock this address in prior to any
transfer in order for DSPAB to accept the write.
In other words a byte of 0x80 should be clocked
into the device preceding any write. The 0x80
byte represents the 7-bit address 1000000b,
with the least significant bit set to 0 to designate
a write.
3) The host should then clock data into the device
most significant bit first, one byte at a time. The
data byte is transferred from the shift register to
the DSP input register on the falling edge of the
eighth serial clock. For this reason, the serial
clock should default to low so that eight
transitions from low to high to low will occur
for each byte. A 32
µS byte to byte latency must
be obeyed during run time.
4) When all of the bytes have been transferred,
chip select should be raised to signify an end of
write. Once again it is crucial that the serial
clock transitions from high to low on the last bit
of the last byte before chip select is raised, or a
loss of data will occur.
Thesamewrite routinecould beusedto senda
single byte, a message, or an entire application
code image. From a hardware perspective, it makes
no difference whether communication is by byte or
multiple bytes of any length as long as the correct
hardware protocol is followed.
6.1.1.2 Reading in SPI for DSPAB
A read operation is necessary when DSPAB signals
that it has data to be read. DSPAB does this by
dropping its interrupt request line (FINTREQ) low.
When reading from the device in SPI, the same
protocol will be used whether reading a single byte
or multiple bytes. The examples shown in this
document can be expanded to fit any read situation.
Figure 32, "SPI Read Flow Diagram for DSPAB"
on page 44 shows a typical read sequence:
The following is a detailed description of an SPI
read sequence with DSPAB.
Mnemonic
Pin Name
144-Pin
Package,
Pin
Number
100-Pin
Package,
Pin
Number
Chip Select
FCS
15
11
Serial Clock
FSCCLK
6
5
Serial Data In
FSCDIN
4
4
Serial Data Out FSCDOUT
7
6
Interrupt
Request
FINTREQ
16
12
Table 4. SPI Communication Signals for DSPAB
SPI STAR T: FC S (LO W )
W RIT E AD DRESS BYTE
WITH M ODE BIT
SET TO 0 F OR W RITE
MORE DATA?
Y
N
W R IT ED ATABY TE
SPI STO P: FC S (H IGH )
Figure 30. SPI Write Flow Diagram for DSPAB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com