Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS494002 Datasheet(PDF) 98 Page - Cirrus Logic

Part # CS494002
Description  Multi-Standard Audio Decoder Family
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS494002 Datasheet(HTML) 98 Page - Cirrus Logic

Back Button CS494002 Datasheet HTML 92Page - Cirrus Logic CS494002 Datasheet HTML 93Page - Cirrus Logic CS494002 Datasheet HTML 94Page - Cirrus Logic CS494002 Datasheet HTML 95Page - Cirrus Logic CS494002 Datasheet HTML 96Page - Cirrus Logic CS494002 Datasheet HTML 97Page - Cirrus Logic CS494002 Datasheet HTML 98Page - Cirrus Logic CS494002 Datasheet HTML 99Page - Cirrus Logic CS494002 Datasheet HTML 100Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 98 / 100 page
background image
98
NC[5:1] — No Connect
Recommended tie to ground.
VDDSD[4:1] — 3.3V SDRAM/SRAM/EPROM Interface Supply
3.3V SDRAM/SRAM/EPROM supply.
VSSSD — 3.3V SDRAM/SRAM/EPROM Interface Ground
3.3V ground.
13. ORDERING INFORMATION
CS494002-CQ 144-pin, accommodates SRAM/SDRAM
CS494502-CQ 100-pin, external SRAM memory interface only (no SDRAM), no parallel-control ports, no
FLASH programming.
(Contact the factory for the 100-pin package pin-out and dimension drawing)
Temp Range 0-70º C for both parts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com