Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6946 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC6946
Description  Ultralow Noise and Spurious 0.37GHz to 5.7GHz Integer-N Synthesizer with Integrated VCO
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6946 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC6946 Datasheet HTML 5Page - Linear Technology LTC6946 Datasheet HTML 6Page - Linear Technology LTC6946 Datasheet HTML 7Page - Linear Technology LTC6946 Datasheet HTML 8Page - Linear Technology LTC6946 Datasheet HTML 9Page - Linear Technology LTC6946 Datasheet HTML 10Page - Linear Technology LTC6946 Datasheet HTML 11Page - Linear Technology LTC6946 Datasheet HTML 12Page - Linear Technology LTC6946 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
LTC6946
9
6946fa
LTC6946-3 Spurious Response
fRF = 900MHz, fREF = 10MHz,
fPFD = 1MHz, Loop BW = 40kHz
LTC6946-3 Spurious Response
fRF = 2200MHz, fREF = 10MHz,
fPFD = 0.4MHz, Loop BW = 28kHz
LTC6946-3 Spurious Response
fRF = 5700MHz, fREF = 100MHz,
fPFD = 1MHz, Loop BW = 33kHz
TYPICAL PERFORMANCE CHARACTERISTICS
TC = 25°C, VREF+ = VREFO+ = VD+ = VRF+ = 3.3V, VCP+ = VVCO+ = 5V, RFO[1:0] = 3,unless otherwise noted.
FREQUENCY OFFSET (MHz IN 10kHz SEGMENTS)
–10
–105dBc
–103dBc
–111dBc
–109dBc
–3
–140
–120
–100
–80
123
0
6946 G28
–2
–1
0
10
–60
–40
–20
RBW = 1Hz
VBW = 1Hz
NOTES 8, 13
FREQUENCY OFFSET (MHz IN 10kHz SEGMENTS)
–10
–93dBc
–94dBc
–86dBc
–88dBc
–1.2
–140
–120
–100
–80
0.4 0.8 1.2
0
6946 G29
–0.8 –0.4
0
10
–60
–40
–20
RBW = 1Hz
VBW = 1Hz
NOTES 8, 13
FREQUENCY OFFSET (MHz IN 10kHz SEGMENTS)
–100
–101dBc
–113dBc
–96dBc
–92dBc
–3
–140
–120
–100
–80
123
0
6946 G30
–2
–1
0
100
–60
–40
–20
RBW = 1Hz
VBW = 1Hz
NOTE 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com