Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6946 Datasheet(PDF) 26 Page - Linear Technology

Part # LTC6946
Description  Ultralow Noise and Spurious 0.37GHz to 5.7GHz Integer-N Synthesizer with Integrated VCO
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6946 Datasheet(HTML) 26 Page - Linear Technology

Back Button LTC6946 Datasheet HTML 22Page - Linear Technology LTC6946 Datasheet HTML 23Page - Linear Technology LTC6946 Datasheet HTML 24Page - Linear Technology LTC6946 Datasheet HTML 25Page - Linear Technology LTC6946 Datasheet HTML 26Page - Linear Technology LTC6946 Datasheet HTML 27Page - Linear Technology LTC6946 Datasheet HTML 28Page - Linear Technology LTC6946 Datasheet HTML 29Page - Linear Technology LTC6946 Datasheet HTML 30Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 26 / 30 page
background image
LTC6946
26
6946fa
Figure 18. Example SMT Balun Connection
Figure 19. Example TL Balun Connection
APPLICATIONS INFORMATION
SUPPLY BYPASSING AND PCB LAYOUT GUIDELINES
Care must be taken when creating a PCB layout to mini-
mize power supply decoupling and ground inductances.
All power supply V+ pins should be bypassed directly to
the ground plane using a 0.1μF ceramic capacitor as close
to the pin as possible. Multiple vias to the ground plane
should be used for all ground connections, including to
the power supply decoupling capacitors.
The package’s exposed pad is a ground connection, and
must be soldered directly to the PCB land. The PCB land
pattern should have multiple thermal vias to the ground
plane for both low ground inductance and also low thermal
resistance (see Figure 20 for an example). See QFN Pack-
age Users Guide, page 8, on Linear Technology website’s
Packaging Information page for specific recommendations
concerning land patterns and land via solder masks. A link
is provided below.
http://www.linear.com/designtools/packaging/index.jsp
Figure 20. Example Exposed Pad Land Pattern
REFERENCE SIGNAL ROUTING, SPURIOUS AND
PHASE NOISE
The charge pump operates at the PFD’s comparison
frequency fPFD. The resultant output spurious energy is
small and is further reduced by the loop filter before it
modulates the VCO frequency.
However, improper PCB layout can degrade the LTC6946’s
inherent spurious performance. Care must be taken to
prevent the reference signal fREF from coupling onto the
VCO’s tune line, or into other loop filter signals. Example
suggestions are the following.
1. Do not share power supply decoupling capacitors
between same voltage power supply pins.
2. Use separate ground vias for each power supply de-
coupling capacitor, especially those connected to VREF+,
VCP+, and VVCO+.
3. Physically separate the reference frequency signal from
the loop filter and VCO.
4. Do not place a trace between the CMA, CMB and CMC
pads underneath the package as worse phase noise
could result.
LTC6946
VRF
+
RF–
RF+
TO 50Ω
LOAD
6946 F18
12
BALUN
2
3
1
5
4
6
11
BALUN PIN CONFIGURATION
1
2
3
4
5
6
UNBALANCED PORT
GND OR DC FEED
BALANCED PORT
BALANCED PORT
GND
NC
LTC6946
VRF
+
RF–
RF+
TO 50Ω
LOAD
PRI
SEC
6946 F19
12
11
6946 F20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com