Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6946 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC6946
Description  Ultralow Noise and Spurious 0.37GHz to 5.7GHz Integer-N Synthesizer with Integrated VCO
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6946 Datasheet(HTML) 4 Page - Linear Technology

  LTC6946 Datasheet HTML 1Page - Linear Technology LTC6946 Datasheet HTML 2Page - Linear Technology LTC6946 Datasheet HTML 3Page - Linear Technology LTC6946 Datasheet HTML 4Page - Linear Technology LTC6946 Datasheet HTML 5Page - Linear Technology LTC6946 Datasheet HTML 6Page - Linear Technology LTC6946 Datasheet HTML 7Page - Linear Technology LTC6946 Datasheet HTML 8Page - Linear Technology LTC6946 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
LTC6946
4
6946fa
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TC = 25°C. VREF+ = VREF0+ = VD+ = VRF+ = 3.3V, VCP+ = VVCO+ = 5V unless otherwise
specified (Note 2). All voltages are with respect to GND.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Output Current vs Output Voltage
Sensitivity
(Note 5)
l
0.1
0.5
%/V
Output Current vs Temperature
VCP = VCP+/2
l
170
ppm/°C
Output Hi-Z Leakage Current
ICP = 700μA, CPCLO = CPCHI = 0 (Note 5)
ICP = 11.2mA, CPCLO = CPCHI = 0 (Note 5)
0.5
5
nA
nA
VCLMP(LO)
Low Clamp Voltage
CPCLO = 1
0.84
V
VCLMP(HI)
High Clamp Voltage
CPCHI = 1, Referred to VCP+
–0.96
V
VMID
Mid-Supply Output Bias Ratio
Referred to (VCP+ – GND)
0.48
V/V
Reference (R) Divider
R
Divide Range
All Integers Included
l
1
1023
counts
VCO (N) Divider
N
Divide Range
All Integers Included
l
32
65535
counts
Digital Pin Specifications
VIH
High Level Input Voltage
MUTE, CS, SDI, SCLK
l
1.55
V
VIL
Low Level Input Voltage
MUTE, CS, SDI, SCLK
l
0.8
V
VIHYS
Input Voltage Hysteresis
MUTE, CS, SDI, SCLK
250
mV
Input Current
MUTE, CS, SDI, SCLK
l
±1
μA
IOH
High Level Output Current
SDO and STAT, VOH = VD+ – 400mV
l
1.4
2.3
mA
IOL
Low Level Output Current
SDO and STAT, VOL = 400mV
l
1.8
2.6
mA
SDO Hi-Z Current
l
±1
μA
Digital Timing Specifications (See Figures 7 and 8)
tCKH
SCLK High Time
l
25
ns
tCKL
SCLK Low Time
l
25
ns
tCSS
CS Setup Time
l
10
ns
tCSH
CS High Time
l
10
ns
tCS
SDI to SCLK Setup Time
l
6ns
tCH
SDI to SCLK Hold Time
l
6ns
tDO
SCLK to SDO Time
To VIH/VIL/Hi-Z with 30pF Load
l
16
ns
Power Supply Voltages
VREF+ Supply Range
l
3.15
3.3
3.45
V
VREFO+ Supply Range
l
3.15
3.3
3.45
V
VD+ Supply Range
l
3.15
3.3
3.45
V
VRF+ Supply Range
l
3.15
3.3
3.45
V
VVCO+ Supply Range
l
4.75
5.0
5.25
V
VCP+ Supply Range
l
4.0
5.25
V
Power Supply Currents
IDD
VD+ Supply Current
Digital Inputs at Supply Levels
l
250
μA
ICC(5V)
Sum VCP+, VVCO+ Supply Currents
ICP = 11.2mA
ICP = 1.0mA
PDALL = 1
l
l
l
49
27
405
61
37
660
mA
mA
μA
ICC(REFO)
VREFO+ Supply Currents
REFO Enabled, RZ = ∞
l
7.8
9.0
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com