Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6946 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC6946
Description  Ultralow Noise and Spurious 0.37GHz to 5.7GHz Integer-N Synthesizer with Integrated VCO
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6946 Datasheet(HTML) 1 Page - Linear Technology

  LTC6946 Datasheet HTML 1Page - Linear Technology LTC6946 Datasheet HTML 2Page - Linear Technology LTC6946 Datasheet HTML 3Page - Linear Technology LTC6946 Datasheet HTML 4Page - Linear Technology LTC6946 Datasheet HTML 5Page - Linear Technology LTC6946 Datasheet HTML 6Page - Linear Technology LTC6946 Datasheet HTML 7Page - Linear Technology LTC6946 Datasheet HTML 8Page - Linear Technology LTC6946 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
LTC6946
1
6946fa
TYPICAL APPLICATION
FEATURES
DESCRIPTION
Ultralow Noise and Spurious
0.37GHz to 5.7GHz Integer-N
Synthesizer with Integrated VCO
The LTC®6946 is a high performance, low noise, 5.7GHz
phase-locked loop (PLL) with a fully integrated VCO,
including a reference divider, phase-frequency detector
(PFD) with phase-lock indicator, ultralow noise charge
pump, integer feedback divider, and VCO output divider.
The charge pump contains selectable high and low voltage
clamps useful for VCO monitoring.
The integrated low noise VCO uses no external components.
It is internally calibrated to the correct output frequency
with no external system support.
The part features a buffered, programmable VCO output
divider with a range of 1 through 6, providing a wide
frequency range.
LTC6946-3 PLL Phase Noise
APPLICATIONS
n Low Noise Integer-N PLL with Integrated VCO
n –226dBc/Hz Normalized In-Band Phase Noise Floor
n –274dBc/Hz Normalized In-Band 1/f Noise
n –157dBc/Hz Wideband Output Phase Noise Floor
n Excellent Spurious Performance
n Output Divider (1 to 6, 50% Duty Cycle)
n Output Buffer Muting
n Low Noise Reference Buffer
n Charge Pump Current Adjustable from 250μA to
11.2mA
n Configurable Status Output
n SPI Compatible Serial Port Control
n PLLWizard™ Software Design Tool Support
n Wireless Base Stations (LTE, WiMAX, W-CDMA, PCS)
n Broadband Wireless Access
n Military and Secure Radio
n Test and Measurement
L, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks and
PLLWizard is a trademark of Linear Technology Corporation. All other trademarks are the
property of their respective owners.
OFFSET FREQUENCY (Hz)
–140
–130
–110
–90
–80
100
10k
100k
10M 40M
6946 TA01b
–150
1k
1M
–100
–120
–160
RMS NOISE = 0.61°
RMS JITTER = 296fs
fRF = 5.7GHz
fPFD = 10MHz
BW = 85kHz
GND
VCP+
CP
VREF+
REF–
REF+
BB
VRF
+
RF+
RF–
GND
MUTE
LTC6946-3
0.01μF
0.01μF
2.2μF
0.01μF
100pF
0.01μF
68nH
68nH
1μF
3.3V
3.3V
4.7nF
57nF
100pF
UNUSED OUTPUT
IS AVAILABLE
FOR OTHER USE
RF INPUT
SIGNAL
TO IF
PROCESSING
LO
IF
RF
0.01μF
470pF
0.1μF
0.1μF
3.3V
6946 TA01a
3.3V
3.3V
+
470pF
51.1Ω
50Ω
SPI BUS
10MHz
15Ω
97.6Ω
5V
Frequency Coverage Options
LTC6946-1
LTC6946-2
LTC6946-3
VCO Frequency (GHz) 2.240 to 3.740
3.080 to 4.910
3.840 to 5.790
O DIV = 1
2.240 to 3.740
3.080 to 4.910
3.840 to 5.790
O DIV = 2
1.120 to 1.870
1.540 to 2.455
1.920 to 2.895
0 DIV = 3
0.747 to 1.247
1.027 to 1.637
1.280 to 1.930
O DIV = 4
0.560 to 0.935
0.770 to 1.228
0.960 to 1.448
O DIV = 5
0.448 to 0.748
0.616 to 0.982
0.768 to 1.158
O DIV = 6
0.373 to 0.623
0.513 to 0.818
0.640 to 0.965
5.7GHz Wideband Receiver


Similar Part No. - LTC6946

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6946 LINER-LTC6946 Datasheet
1Mb / 54P
16-/14-/11-Bit 2.7Gsps DACs
logo
Analog Devices
LTC6946 AD-LTC6946 Datasheet
2Mb / 26P
1.5GHz to 7GHz Dual Programmable Gain Downconverting Mixer
logo
Linear Technology
LTC6946-1 LINER-LTC6946-1 Datasheet
1Mb / 36P
Low Phase Noise, Dual Output Buffer/Driver/Logic Converter
LTC6946-2 LINER-LTC6946-2 Datasheet
1Mb / 36P
Low Phase Noise, Dual Output Buffer/Driver/Logic Converter
LTC6946-3 LINER-LTC6946-3 Datasheet
1Mb / 36P
Low Phase Noise, Dual Output Buffer/Driver/Logic Converter
More results

Similar Description - LTC6946

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF3761 TI-TRF3761 Datasheet
443Kb / 18P
INTEGER-N PLL WITH INTEGRATED VCO
TRF3761 TI-TRF3761_07 Datasheet
1Mb / 56P
INTEGER-N PLL WITH INTEGRATED VCO
TRF3762 TI-TRF3762 Datasheet
1Mb / 33P
INTEGER-N PLL WITH INTEGRATED VCO
logo
Linear Technology
LTC6945 LINER-LTC6945_15 Datasheet
378Kb / 28P
Ultralow Noise and Spurious 0.35GHz to 6GHz Integer-N Synthesizer
LTC6946 LINER-LTC6946_15 Datasheet
576Kb / 32P
Ultralow Noise and Spurious 0.37GHz to 6.39GHz Integer-N Synthesizer with Integrated VCO
LTC6948 LINER-LTC6948_15 Datasheet
503Kb / 36P
Ultralow Noise 0.37GHz to 6.39GHz Fractional-N Synthesizer with Integrated VCO
logo
Texas Instruments
TRF3761 TI1-TRF3761 Datasheet
1Mb / 57P
Integer-N PLL with Integrated VCO
logo
Linear Technology
LTC6947 LINER-LTC6947 Datasheet
948Kb / 10P
Ultralow Noise and Spurious Fractional-N Synthesizer
LTC6948 LINER-LTC6948 Datasheet
818Kb / 10P
Ultralow Noise and Spurious Fractional-N Synthesizer with Integrated VCO
logo
Maxim Integrated Produc...
MAX2870 MAXIM-MAX2870_V01 Datasheet
998Kb / 25P
23.5MHz to 6000MHz Fractional/ Integer-N Synthesizer/VCO
2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com