Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6946 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC6946
Description  Ultralow Noise and Spurious 0.37GHz to 5.7GHz Integer-N Synthesizer with Integrated VCO
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6946 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC6946 Datasheet HTML 2Page - Linear Technology LTC6946 Datasheet HTML 3Page - Linear Technology LTC6946 Datasheet HTML 4Page - Linear Technology LTC6946 Datasheet HTML 5Page - Linear Technology LTC6946 Datasheet HTML 6Page - Linear Technology LTC6946 Datasheet HTML 7Page - Linear Technology LTC6946 Datasheet HTML 8Page - Linear Technology LTC6946 Datasheet HTML 9Page - Linear Technology LTC6946 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
LTC6946
6
6946fa
TYPICAL PERFORMANCE CHARACTERISTICS
Charge Pump Sink Current Error
vs Voltage, Output Current
Charge Pump Source Current
Error vs Voltage, Temperature
Charge Pump Sink Current Error
vs Voltage, Temperature
RF Output Power vs Frequency
(Single Ended on RF–)
Charge Pump Source Current
Error vs Voltage, Output Current
RF Output HD2 vs Output Divide
(Single Ended on RF–)
REF Input Sensitivity
vs Frequency
REF0 Output Power vs Frequency
TC = 25°C, VREF+ = VREFO+ = VD+ = VRF+ = 3.3V, VCP+ = VVCO+ = 5V, RFO[1:0] = 3,unless otherwise noted.
REFO Phase Noise
FREQUENCY (MHz)
0
–15
–20
–25
–30
–35
–40
–45
–50
–55
200
6946 G01
50
100
150
250
175
25
75
125
225
BST = 1
FILT = 0
105°C
25°C
–40°C
FREQUENCY (MHz)
0
4
3
2
1
0
–1
–2
–3
–4
200
6946 G02
50
100
150
250
175
25
75
125
225
105°C
25°C
–40°C
OFFSET FREQUENCY (Hz)
–155
–150
–145
–140
100
10k
100k
1M
6946 G03
–160
1k
POUT = 1.45dBm
fREF = 10MHz
BST = 1
FILT = 3
NOTE 8
OUTPUT VOLTAGE (V)
0
1
3
5
4
6946 G04
–1
–3
0
2
4
–2
–4
–5
1
0.5
2
1.5
3
3.5
4.5
2.5
5
250μA
1mA
11.2mA
OUTPUT VOLTAGE (V)
0
1
3
5
4
6946 G05
–1
–3
0
2
4
–2
–4
–5
1
0.5
2
1.5
3
3.5
4.5
2.5
5
–40°C
25°C
105°C
ICP = 11.2mA
OUTPUT VOLTAGE (V)
0
1
3
5
4
6946 G06
–1
–3
0
2
4
–2
–4
–5
1
0.5
2
1.5
3
3.5
4.5
2.5
5
250μA
1mA
11.2mA
OUTPUT VOLTAGE (V)
0
1
3
5
4
6946 G07
–1
–3
0
2
4
–2
–4
–5
1
0.5
2
1.5
3
3.5
4.5
2.5
5
–40°C
25°C
105°C
ICP = 11.2mA
FREQUENCY (GHz)
0.5
–2.5
0.5
1.0
1.5
1.5
3.5
3
4 4.5
6946 G08
–3.5
–0.5
–1.5
–3.0
0
–4.0
–1.0
–2.0
1
2 2.5
5 5.5 6
–40°C
25°C
105°C
LTC6946-3
LC = 68nH
CS = 100pF
fVCO (GHz)
3.75
–50
–45
–40
–35
–30
4.25
4.75
5.25
5.75
6946 G09
–25
–20
4.00
4.50
5.00
5.50
LTC6946-3, fRF = fVCO/O
LC = 68nH, CS = 100pF
O = 3
O = 2
O = 1
O = 6
O = 4
O = 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com