Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6946 Datasheet(PDF) 18 Page - Linear Technology

Part # LTC6946
Description  Ultralow Noise and Spurious 0.37GHz to 5.7GHz Integer-N Synthesizer with Integrated VCO
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6946 Datasheet(HTML) 18 Page - Linear Technology

Back Button LTC6946 Datasheet HTML 14Page - Linear Technology LTC6946 Datasheet HTML 15Page - Linear Technology LTC6946 Datasheet HTML 16Page - Linear Technology LTC6946 Datasheet HTML 17Page - Linear Technology LTC6946 Datasheet HTML 18Page - Linear Technology LTC6946 Datasheet HTML 19Page - Linear Technology LTC6946 Datasheet HTML 20Page - Linear Technology LTC6946 Datasheet HTML 21Page - Linear Technology LTC6946 Datasheet HTML 22Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 30 page
background image
LTC6946
18
6946fa
OPERATION
Multiple Byte Transfers
More efficient data transfer of multiple bytes is accom-
plished by using the LTC6946’s register address auto-
increment feature as shown in Figure 12. The serial port
master sends the destination register address in the first
byte and its data in the second byte as before, but continues
sending bytes destined for subsequent registers. Byte 1’s
address is Addr0+1, Byte 2’s address is Addr0+2, and so
on. If the resister address pointer attempts to increment
past 11 (h0B), it is automatically reset to 0.
An example of an auto-increment read from the part is
shown in Figure 13. The first byte of the burst sent from
the serial bus master on SDI contains the destination reg-
ister address (Addr0) and an LSB of “1” indicating a read.
Once the LTC6946 detects a read burst, it takes SDO out
of the Hi-Z condition and sends data bytes sequentially,
A6 A5 A4 A3 A2
7-BIT REGISTER ADDRESS
Hi-Z
MASTER–CS
MASTER–SCLK
MASTER–SDI
LTC6946–SD0
A1 A0 0 D7 D6 D5 D4 D3 D2 D1 D0
8 BITS OF DATA
0 = WRITE
6946 F09
16 CLOCKS
Addr0 + Wr
Hi-Z
MASTER–CS
MASTER–SDI
LTC6946–SDO
Byte 0
Addr1 + Wr
Byte 1
6946 F11
Addr0 + Wr
Hi-Z
MASTER–CS
MASTER–SDI
LTC6946–SDO
Byte 0
Byte 1
Byte 2
6946 F12
Figure 9. Serial Port Write Sequence
Figure 10. Serial Port Read Sequence
Figure 11. Serial Port Single Byte Write
Figure 12. Serial Port Auto-Increment Write
A6 A5 A4 A3 A2
7-BIT REGISTER ADDRESS
Hi-Z
Hi-Z
A1 A0 1
D7
X
D6 D5 D4 D3 D2 D1 D0 DX
8 BITS OF DATA
1 = READ
6946 F10
MASTER–CS
MASTER–SCLK
MASTER–SDI
LTC6946–SDO
16 CLOCKS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com