Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6946 Datasheet(PDF) 24 Page - Linear Technology

Part # LTC6946
Description  Ultralow Noise and Spurious 0.37GHz to 5.7GHz Integer-N Synthesizer with Integrated VCO
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6946 Datasheet(HTML) 24 Page - Linear Technology

Back Button LTC6946 Datasheet HTML 20Page - Linear Technology LTC6946 Datasheet HTML 21Page - Linear Technology LTC6946 Datasheet HTML 22Page - Linear Technology LTC6946 Datasheet HTML 23Page - Linear Technology LTC6946 Datasheet HTML 24Page - Linear Technology LTC6946 Datasheet HTML 25Page - Linear Technology LTC6946 Datasheet HTML 26Page - Linear Technology LTC6946 Datasheet HTML 27Page - Linear Technology LTC6946 Datasheet HTML 28Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 30 page
background image
LTC6946
24
6946fa
APPLICATIONS INFORMATION
The LTC6946 achieves an in-band normalized phase noise
floor of –226dBc/Hz (typical). To calculate its equiva-
lent input phase noise floor LM(IN), use the following
Equation 11:
LM(IN) = –226 + 10 • log10(fREF)
(11)
For example, using a 10MHz reference frequency gives
an input phase noise floor of –156dBc/Hz. The reference
frequency source’s phase noise must be at least 3dB better
than this to prevent limiting the overall system performance.
IN-BAND OUTPUT PHASE NOISE
The in-band phase noise produced at fRF may be calcu-
lated by using Equation 12.
L
M(OUT) = –226 + 10 log10 fPFD
()
+ 20 log
10
f
RF
f
PFD
⎛
⎝⎜
⎞
⎠⎟
or
L
M(OUT) = –226 + 10 log10 fPFD
()
+ 20 log
10
N
O
⎛
⎝⎜
⎞
⎠⎟
(12)
As can be seen, for a given PFD frequency fPFD, the output
in-band phase noise increases at a 20dB-per-decade rate
with the N divider count. So, for a given output frequency
fRF, fPFD should be as large as possible (or N should be as
small as possible) while still satisfying the application’s
frequency step size requirements.
OUTPUT PHASE NOISE DUE TO 1/f NOISE
In-band phase noise at very low offset frequencies may
be influenced by the LTC6946’s 1/f noise, depending upon
fPFD. Use the normalized in-band 1/f noise of –274dBc/
Hz with Equation 13 to approximate the output 1/f phase
noise at a given frequency offset fOFFSET.
LM(OUT-1/f) fOFFSET
() = –274+20 • log10 fRF
()
–10 • log10 fOFFSET
()
(13)
Unlike the in-band noise floor LM(OUT), the 1/f noise
LM(OUT 1/f) does not change with fPFD, and is not constant
over offset frequency. See Figure 15 for an example of
in-band phase noise for fPFD equal to 3MHz and 100MHz.
The total phase noise will be the summation of LM(OUT)
and LM(OUT 1/f).
Figure 15. Theoretical In-Band Phase Noise, fRF = 2500MHz
OFFSET FREQUENCY (Hz)
10
–110
–100
100k
6945 F15
–120
–130
100
1k
10k
–90
TOTAL NOISE
fPFD = 3MHz
TOTAL NOISE
fPFD = 100MHz
1/f NOISE
CONTRIBUTION
RF OUTPUT MATCHING
The RF± outputs may be used in either single-ended or dif-
ferential configurations. Using both RF outputs differentially
will result in approximately 3dB more output power than
single ended. Impedance matching to an external load in
both cases requires external chokes tied to VRF+. Measured
RF± s-parameters are shown below in Table 12 to aid in
the design of impedance matching networks.
Table 12. Single-Ended RF Output Impedance
FREQUENCY (MHZ)
IMPEDANCE (Ohms)
S11 (dB)
500
102.8 – j49.7
–6.90
1000
70.2 – j60.1
–6.53
1500
52.4 – j56.2
–6.35
2000
43.6 – j49.2
–6.58
2500
37.9 – j39.6
–7.34
3000
32.7 – j28.2
–8.44
3500
27.9 – j17.8
–8.99
4000
24.3 – j9.4
–8.72
4500
22.2 – j3.3
–8.26
5000
21.6 + j1.9
–8.02
5500
21.8 + j6.6
–7.91
6000
23.1 + j11.4
–8.09
6500
25.7 + j16.9
–8.38
7000
29.3 + j23.0
–8.53
7500
33.5 + j28.4
–8.56
8000
37.9 + j32.6
–8.64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com