Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6946 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC6946
Description  Ultralow Noise and Spurious 0.37GHz to 5.7GHz Integer-N Synthesizer with Integrated VCO
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6946 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC6946 Datasheet HTML 10Page - Linear Technology LTC6946 Datasheet HTML 11Page - Linear Technology LTC6946 Datasheet HTML 12Page - Linear Technology LTC6946 Datasheet HTML 13Page - Linear Technology LTC6946 Datasheet HTML 14Page - Linear Technology LTC6946 Datasheet HTML 15Page - Linear Technology LTC6946 Datasheet HTML 16Page - Linear Technology LTC6946 Datasheet HTML 17Page - Linear Technology LTC6946 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
LTC6946
14
6946fa
OPERATION
Table 3. LKWIN[1:0] Programming
LKWIN[1:0]
tLWW
fPFD
0
3ns
>5MHz
1
10ns
≤5MHz
2
30ns
≤1.7MHz
3
90ns
≤550kHz
The PFD phase difference must be less than tLWW for the
LOKCNT number of successive counts before the lock
indicator asserts the LOCK flag. The LKCNT[1:0] bits found
in register h09 are used to set LOKCNT depending upon
the application. See Table 4 for LKCNT[1:0] programming
and the Applications Information section for examples.
Table 4. LKCNT[1:0] Programming
LKCNT[1:0]
COUNTS
032
1
128
2
512
3
2048
When the PFD phase difference is greater than tLWW, the
lock indicator immediately asserts the UNLOCK status
flag and clears the LOCK flag, indicating an out-of-lock
condition. The UNLOCK flag is immediately de-asserted
when the phase difference is less than tLWW. See Figure 4
for more details.
CHARGE PUMP
The charge pump, controlled by the PFD, forces sink
(DOWN) or source (UP) current pulses onto the CP pin,
which should be connected to an appropriate loop filter. See
Figure 5 for a simplified schematic of the charge pump.
The output current magnitude ICPmaybesetfrom250μAto
11.2mA using the CP[3:0] bits found in serial port register
h09. A larger ICP can result in lower in-band noise due to
the lower impedance of the loop filter components. See
Table 5 for programming specifics and the Applications
Information section for loop filter examples.
Table 5. CP[3:0] Programming
CP[3:0]
ICP
0
250μA
1
350μA
2
500μA
3
700μA
4
1.0mA
5
1.4mA
6
2.0mA
7
2.8mA
8
4.0mA
9
5.6mA
10
8.0mA
11
11.2mA
12 to 15
Invalid
The CPINV bit found in register h0A should be set for
applications requiring signal inversion from the PFD,
such as for complex external loops using an inverting op
amp. A passive loop filter as shown in Figure 14 requires
CPINV = 0.
+tLWW
–tLWW
UNLOCK FLAG
LOCK FLAG
t = COUNTS/fPFD
6946 F04
0
PHASE
DIFFERENCE
AT PFD
Figure 4. UNLOCK and LOCK Timing
25
CP
THI
0.9V
VCP
+
VCP
+
TLO
+
–
0.9V
6946 F05
+
–
VCP
+/2
CPMID
CPUP
UP
CPDN
DOWN
Figure 5. Simplified Charge Pump Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com