Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6946 Datasheet(PDF) 25 Page - Linear Technology

Part # LTC6946
Description  Ultralow Noise and Spurious 0.37GHz to 5.7GHz Integer-N Synthesizer with Integrated VCO
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6946 Datasheet(HTML) 25 Page - Linear Technology

Back Button LTC6946 Datasheet HTML 21Page - Linear Technology LTC6946 Datasheet HTML 22Page - Linear Technology LTC6946 Datasheet HTML 23Page - Linear Technology LTC6946 Datasheet HTML 24Page - Linear Technology LTC6946 Datasheet HTML 25Page - Linear Technology LTC6946 Datasheet HTML 26Page - Linear Technology LTC6946 Datasheet HTML 27Page - Linear Technology LTC6946 Datasheet HTML 28Page - Linear Technology LTC6946 Datasheet HTML 29Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 30 page
background image
LTC6946
25
6946fa
APPLICATIONS INFORMATION
Single-ended impedance matching is accomplished
using the circuit of Figure 16, with component values
found in Table 13. Using smaller inductances than
recommended can cause phase noise degradation,
especially at lower center frequencies.
Table 13. Suggested Single-Ended Matching Component Values
fRF (MHz)
LC (nH)
CS (pF)
350 to 1500
180
270
1000 to 5800
68
100
Return loss measured on the DC1705A using the above
component values is shown in Figure 17. A broadband
match is achieved using an (LC, CS) of either (68nH, 100pF)
or (180nH, 270pF). However, for maximum output power
and best phase noise performance, use the recommended
component values of Table 13. LC should be a wirewound
inductor selected for maximum Q factor and SRF, such as
the Coilcraft HP series of chip inductors.
The LTC6946’s differential RF± outputs may be combined
using an external balun to drive a single-ended load. The
advantages are approximately 3dB more output power than
each output individually and better 2nd order harmonic
performance.
For lower frequencies, transmission line (TL) baluns such as
the M/A-COM MABACT0065 and the TOKO #617DB-1673
provide good results. At higher frequencies, surface mount
(SMT) baluns such as those produced by TDK, Anaren,
and Johanson Technology, can be attractive alternatives.
See Table 14 for recommended balun part numbers versus
frequency range.
Figure 17. Single-Ended Return Loss
Figure 16. Single-Ended Output Matching Schematic
RF+(–)
LC
CS
50Ω
TO 50Ω
LOAD
VRF
+
RF–(+)
LC
CS
6946 F16
VRF
+
0 0.5 1 1.5 2 2.5 3 3.5 4 4.5 5 5.5 6
FREQUENCY (GHz)
–6
–4
–2
6946 F17
–10
–16
0
–8
–12
–14
68nH, 100pF
180nH, 270pF
The listed SMT baluns contain internal chokes to bias RF±
and also provide input-to-output DC isolation. The pin
denoted as GND or DC FEED should be connected to the
VRF+ voltage. Figure 18 shows a surface mount balun’s
connections with a DC FEED pin.
Table 14. Suggested Baluns
fRF (MHz)
PART NUMBER
MANUFACTURER
TYPE
350 to 900
#617DB-1673
TOKO
TL
400 to 600
HHM1589B1
TDK
SMT
600 to 1400
BD0810J50200
Anaren
SMT
600 to 3000
MABACT0065
M/A-COM
TL
1000 to 2000
HHM1518A3
TDK
SMT
1400 to 2000
HHM1541E1
TDK
SMT
1900 to 2300
2450BL15B100E
Johanson
SMT
2000 to 2700
HHM1526
TDK
SMT
3700 to 5100
HHM1583B1
TDK
SMT
4000 to 6000
HHM1570B1
TDK
SMT
The listed TL baluns do not provide input-to-output DC
isolation and must be AC coupled at the output. Figure 18
displays RF± connections using these baluns.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com