Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6946 Datasheet(PDF) 23 Page - Linear Technology

Part # LTC6946
Description  Ultralow Noise and Spurious 0.37GHz to 5.7GHz Integer-N Synthesizer with Integrated VCO
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6946 Datasheet(HTML) 23 Page - Linear Technology

Back Button LTC6946 Datasheet HTML 19Page - Linear Technology LTC6946 Datasheet HTML 20Page - Linear Technology LTC6946 Datasheet HTML 21Page - Linear Technology LTC6946 Datasheet HTML 22Page - Linear Technology LTC6946 Datasheet HTML 23Page - Linear Technology LTC6946 Datasheet HTML 24Page - Linear Technology LTC6946 Datasheet HTML 25Page - Linear Technology LTC6946 Datasheet HTML 26Page - Linear Technology LTC6946 Datasheet HTML 27Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 30 page
background image
LTC6946
23
6946fa
APPLICATIONS INFORMATION
Divider Programming
Program registers Reg03 to Reg06 with the previously
determined B, R and N divider values.
Reg03 = h00
Reg04 = h50
Reg05 = h4B
Reg06 = h00
VCO ALC and Calibration Programming
Now that all the divider registers are programmed, and
assuming that the reference frequency is stable at REF±,
calibrate the VCO. Set the ALC options (ALCMON = 1,
ALCCAL = 1) and the lock enable bit (LKEN = 1) at the
same time:
Reg07 = h63
The LTC6946 will now calibrate its VCO. The ALC will only
be active during the calibration cycle, but the ALCHI and
ALCLO status conditions will be monitored.
Reference Input Settings and Output Divider
Programming
From Table 1, FILT = 1 for a 20MHz reference frequency.
Next, convert 7dBm into VP-P. For a CW tone, use the
following equation with R = 50:
VP-P ≅ R •10
(dBm – 21)/20
(10)
This gives VP-P = 1.41V, and, according to Table 2, set
BST = 1.
Now program Reg08, assuming maximum RF± output
power (RFO[1:0] = 3 according to Table 9) and OD[2:0] = 2:
Reg08 = hBA
Lock Detect and Charge Pump Current Programming
Next, determine the lock indicator window from fPFD.
From Table 3, LKWIN[1:0] = 3 for a tLWW of 90ns. The
LTC6946 will consider the loop “locked” as long as the
phase coincidence at the PFD is within 8°, as calculated:
phase = 360° • tLWW • fPFD = 360 • 90n • 250k ≅ 8°
LKWIN[1:0] may be set to a smaller value to be more
conservative. However, the inherent phase noise of the
loop could cause false “unlocks” for too small a value.
Choosing the correct LOKCNT depends upon the ratio of
the bandwidth of the loop to the PFD frequency (BW/fPFD).
Smaller ratios dictate larger LOKCNT values. A LOKCNT
value of 128 will work for our ratio of 1/15. From Table 4,
LKCNT[1:0] = 1 for 128 counts.
Using Table 5 with the previously selected ICP of 11.2mA,
gives CP[3:0] = 11 (hB). This is enough information to
program Reg09:
Reg09 = hDB
Charge Pump Function Programming
This example uses the additional voltage clamp features to
allow us to monitor fault conditions by setting CPCHI = 1
and CPCLO = 1. If something occurs and the system can
no longer lock to its intended frequency, the charge pump
output will move toward either GND or VCP+,therebysetting
either the TLO or THI status flags, respectively. Disable all
the other charge pump functions (CPMID, CPINV, CPRST,
CPUP and CPDN) to allow the loop to lock:
Reg0A = hC0
The loop should now lock. Now unmute the output by
setting OMUTE = 0 (assumes the MUTE pin is high):
Reg02 = h08
REFERENCE SOURCE CONSIDERATIONS
A high quality signal must be applied to the REF± inputs as
they provide the frequency reference to the entire PLL. As
mentioned previously, to achieve the part’s in-band phase
noise performance, apply a CW signal of at least 6dBm
into 50Ω, or a square wave of at least 0.5VP-P with slew
rate of at least 40V/μs.
The LTC6946 may be driven single ended to CMOS levels
(greater than 2.7VP-P ). Apply the reference signal directly
without a DC-blocking capacitor at REF+, and bypass
REF– to GND with a 47pF capacitor. The BST bit must also
be set to “0”, according to guidelines given in Table 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com