Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6946 Datasheet(PDF) 21 Page - Linear Technology

Part # LTC6946
Description  Ultralow Noise and Spurious 0.37GHz to 5.7GHz Integer-N Synthesizer with Integrated VCO
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6946 Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC6946 Datasheet HTML 17Page - Linear Technology LTC6946 Datasheet HTML 18Page - Linear Technology LTC6946 Datasheet HTML 19Page - Linear Technology LTC6946 Datasheet HTML 20Page - Linear Technology LTC6946 Datasheet HTML 21Page - Linear Technology LTC6946 Datasheet HTML 22Page - Linear Technology LTC6946 Datasheet HTML 23Page - Linear Technology LTC6946 Datasheet HTML 24Page - Linear Technology LTC6946 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
LTC6946
21
6946fa
APPLICATIONS INFORMATION
INTRODUCTION
A PLL is a complex feedback system that may conceptually
be considered a frequency multiplier. The system multiplies
the frequency input at REF± and outputs a higher frequency
at RF±. The PFD, charge pump, N divider, and external VCO
and loop filter form a feedback loop to accurately control
the output frequency (see Figure 14). The R and O divider
are used to set the output frequency resolution.
Using the above equations, the output frequency resolu-
tion fSTEP produced by a unit change in N is given by
Equation 6:
fSTEP =
fREF
R• O
(6)
LOOP FILTER DESIGN
A stable PLL system requires care in selecting the external
loop filter values. The Linear Technology PLLWizard ap-
plication, available from www.linear.com, aids in design
and simulation of the complete system.
The loop design should use the following algorithm:
1. Determine the output frequency, fRF, and frequency step
size, fSTEP, based on application requirements. Using
Equations 3, 4, 5 and 6, change fREF, N, R, and O until
the application frequency constraints are met. Use the
minimum R value that still satisfies the constraints.
Then calculate B using Equation 1 and Table 7.
2. Select the open-loop bandwidth, BW, constrained by
fPFD. A stable loop requires that BW is less than fPFD
by at least a factor of 10.
3. Select loop filter component RZ and charge pump cur-
rent ICP based on BW and the VCO gain factor, KVCO.
BW (in Hz) is approximated by the following equation:
BW ≅
ICP •RZ •KVCO
2• π •N
(7)
or
RZ =
2• π •BW •N
ICP •KVCO
where KVCO is in Hz/V, ICP is in Amps, and RZ is in Ohms.
KVCO is obtained from the VCO tuning sensitivity in the
Electrical Characteristics. Use ICP = 11.2mA to lower in-
band noise unless component values force a lower setting.
R_DIV
N_DIV
÷R
÷N
O_DIV
÷O
fPFD
LTC6946
REF±
(fREF)
fVCO
KPFD
KVCO
25
RF±
(fRF)
15
CP
RZ
CI
CP
LOOP FILTER
LF(s)
6946 F14
TUNE
ICP
Figure 14. PLL Loop Diagram
OUTPUT FREQUENCY
When the loop is locked, the frequency fVCO (in Hz)
produced at the output of the VCO is determined by the
reference frequency, fREF, and the R and N divider values,
given by Equation 3:
fVCO =
fREF •N
R
(3)
Here, the PFD frequency fPFD produced is given by the
following equation:
fPFD =
fREF
R
(4)
and fVCO may be alternatively expressed as:
fVCO = fPFD • N
The output frequency fRF produced at the output of the O
divider is given by Equation 5:
fRF =
fVCO
O
(5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com