Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6946 Datasheet(PDF) 27 Page - Linear Technology

Part # LTC6946
Description  Ultralow Noise and Spurious 0.37GHz to 5.7GHz Integer-N Synthesizer with Integrated VCO
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6946 Datasheet(HTML) 27 Page - Linear Technology

Back Button LTC6946 Datasheet HTML 22Page - Linear Technology LTC6946 Datasheet HTML 23Page - Linear Technology LTC6946 Datasheet HTML 24Page - Linear Technology LTC6946 Datasheet HTML 25Page - Linear Technology LTC6946 Datasheet HTML 26Page - Linear Technology LTC6946 Datasheet HTML 27Page - Linear Technology LTC6946 Datasheet HTML 28Page - Linear Technology LTC6946 Datasheet HTML 29Page - Linear Technology LTC6946 Datasheet HTML 30Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 27 / 30 page
background image
LTC6946
27
6946fa
APPLICATIONS INFORMATION
LTC6946-2 Driving a Modulator
VREFO+
REFO
STAT
CS
SCLK
SDI
SDO
VD+
VVCO+
GND
CMA
CMB
CMC
GND
TB
TUNE
LTC6946-2
SPI BUS
3.3V
470pF
51.1Ω
+
15Ω
5V
RZ
1μF
3.3V
LOOP COMPENSATION
COMPONENT VALUES ARE
APPLICATION SPECIFIC
DEPENDING ON THE LO
FREQUENCY RANGE AND
STEP SIZE AND THE PHASE
NOISE OF THE REFERENCE
CI
0.01μF
0.1μF
3.3V
3.3V
1μF
0.01μF
0.01μF
2.2μF
CP
0.01μF
470pF
10MHz
REFERENCE
3.3V
3.3V
THE UNUSED RF– OUTPUT
IS AVAILABLE TO DRIVE
ANOTHER 50Ω LOAD
68nH
LOM
LO = 1950MHz
TOKO
4DFB-1950L-10
3.3V
VCC2
RF
GNDRF
BBPI
BBMI
BBPQ
BBMQ
LOP
GND
LINOPT
6946 TA02
LTC5588-1
VCC1
1nF
68nH
0.1μF
4.7μF
3.3V
1nF
50Ω
1Ω
1.3Ω
1nF
50Ω
10nF
1810MHz
140MHz
VGA
1nF
4.7μF
0°
90°
BASEBAND
GENERATOR
EN
EN
I-DAC
Q-DAC
LTC2630
PA
RF FREQUENCY (MHz)
1802.5
–120
–90
–90
–80
–70
–60
–50
1807.5
1812.5
6946 TA02b
–40
–30
MEASURED SIGNAL
MEASUREMENT NOISE FLOOR
–110
1817.5
≈–80dBc
Measured W-CDMA ACPR
(3.84MHz Bandwidth)
LTC6946-2 Modulator Application
Phase Noise
OFFSET FREQUENCY (Hz)
–130
–140
–110
–90
–150
–120
–100
100
10k
100k
1M
10M
6946 TA02c
–160
1k
RMS NOISE = 0.281°
fRF = 1950MHz
fPFD = 2MHz
OD = 2
fSTEP = 1MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com