Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6946 Datasheet(PDF) 20 Page - Linear Technology

Part # LTC6946
Description  Ultralow Noise and Spurious 0.37GHz to 5.7GHz Integer-N Synthesizer with Integrated VCO
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6946 Datasheet(HTML) 20 Page - Linear Technology

Back Button LTC6946 Datasheet HTML 16Page - Linear Technology LTC6946 Datasheet HTML 17Page - Linear Technology LTC6946 Datasheet HTML 18Page - Linear Technology LTC6946 Datasheet HTML 19Page - Linear Technology LTC6946 Datasheet HTML 20Page - Linear Technology LTC6946 Datasheet HTML 21Page - Linear Technology LTC6946 Datasheet HTML 22Page - Linear Technology LTC6946 Datasheet HTML 23Page - Linear Technology LTC6946 Datasheet HTML 24Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 30 page
background image
LTC6946
20
6946fa
OPERATION
STAT Output
The STAT output pin is configured with the x[5:0] bits
of register h01. These bits are used to bit-wise mask, or
enable, the corresponding status flags of status register
h00, according to Equation 2. The result of this bit-wise
Boolean operation is then output on the STAT pin:
STAT = OR (Reg00[5:0] AND Reg01[5:0])
(2)
or expanded:
STAT = (UNLOCK AND x[5]) OR
(ALCHI AND x[4]) OR
(ALCLO AND x[3]) OR
(LOCK AND x[2]) OR
(THI AND x[1]) OR
(TLO AND x[0])
For example, if the application requires STAT to go high
whenever the ALCHI, ALCLO, or THI flags are set, then
x[4], x[3], and x[1] should be set to “1”, giving a register
value of h1A.
Block Power-Down Control
The LTC6946’s power-down control bits are located in
register h02, described in Table 11. Different portions of
the device may be powered down independently. Care must
be taken with the LSB of the register, the POR (power-on
reset) bit. When written to a “1”, this bit forces a full reset of
the part’s digital circuitry to its power-up default state.
Table 11. Serial Port Register Bit Field Summary
BITS
DESCRIPTION
DEFAULT
ALCCAL
Auto Enable ALC During CAL Operation
1
ALCEN
Always Enable ALC (Override)
1
ALCHI
ALC Too Hi Flag
ALCLO
ALC Too Low Flag
ALCMON
Enable ALC Monitor for Status Flags Only
0
ALCULOK
Enable ALC When PLL Unlocked
0
BD[3:0]
Calibration B Divider Value
h3
BST
REF Buffer Boost Current
1
CAL
Start VCO Calibration (auto clears)
0
CP[3:0]
CP Output Current
hB
CPCHI
CP Enable Hi Voltage Output Clamp
1
CPCLO
CP Enable Low Voltage Output Clamp
1
CPDN
CP Pump Down Only
0
CPINV
CP Invert Phase
0
CPMID
CP Bias to Mid-Rail
1
CPRST
CP Three-State
1
CPUP
CP Pump Up Only
0
CPWIDE
CP Extend Pulse Width
0
FILT[1:0]
REF Input Buffer Filter
h3
LKCT[1:0]
PLL Lock Cycle Count
h1
LKEN
PLL Lock Indicator Enable
1
LKWIN[1:0] PLL Lock Indicator Window
h2
LOCK
PLL Lock Indicator Flag
MTCAL
Mutes Output During Calibration
1
ND[15:0]
N Divider Value (ND[15:0] > 31)
h00FA
OD[2:0]
Output Divider Value (0 < OD[2:0] < 7)
h1
OMUTE
Mutes RF Output
1
PART[4:0]
Part code (h01 for LTC6946-1, h02 for
LTC6946-2, h03 for LTC6946-3 Version)
h01, h02, h03
PDALL
Full Chip Power Down
0
PDOUT
Powers Down O_DIV, RF Output Buffer
0
PDPLL
Powers Down REF, REFO, R_DIV, PFD,
CPUMP, N_DIV
0
PDREFO
Powers Down REFO
1
PDVCO
Powers Down VCO, N_DIV
0
POR
Force Power-On Reset
0
RD[9:0]
R Divider Value (RD[9:0] > 0)
h001
REV[2:0]
Rev Code
h2
RFO[1:0]
RF Output Power
h3
THI
CP Clamp High Flag
TLO
CP Clamp Low Flag
UNLOK
PLL Unlock Flag
x[5:0]
STAT Output OR Mask
h04



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com