Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6946 Datasheet(PDF) 16 Page - Linear Technology

Part # LTC6946
Description  Ultralow Noise and Spurious 0.37GHz to 5.7GHz Integer-N Synthesizer with Integrated VCO
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6946 Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC6946 Datasheet HTML 12Page - Linear Technology LTC6946 Datasheet HTML 13Page - Linear Technology LTC6946 Datasheet HTML 14Page - Linear Technology LTC6946 Datasheet HTML 15Page - Linear Technology LTC6946 Datasheet HTML 16Page - Linear Technology LTC6946 Datasheet HTML 17Page - Linear Technology LTC6946 Datasheet HTML 18Page - Linear Technology LTC6946 Datasheet HTML 19Page - Linear Technology LTC6946 Datasheet HTML 20Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
LTC6946
16
6946fa
OPERATION
The VCO may be calibrated once the RD[9:0], ND[15:0],
and BD[3:0] bits are written. The reference frequency fREF
must also be present and stable at the REF± inputs.
A calibration cycle is initiated each time the CAL bit is written
to “1” (the bit is self-clearing). The calibration cycle takes
between 12 and 14 cycles of the B divider output.
VCO Automatic Level Control (ALC)
The VCO uses an internal automatic level control (ALC)
algorithm to maintain an optimal amplitude on the VCO
resonator, and thus optimal phase noise performance. The
user has several ALC configuration and status reporting
options as seen in Table 8.
Table 8. ALC Bit Descriptions
BIT
DESCRIPTION
ALCCAL
Auto Enable ALC During CAL Operation
ALCEN
Always Enable ALC (Overrides ALCCAL, ALCMON and
ALCULOK)
ALCHI
ALC Too High Flag (Resonator Amplitude Too High)
ALCLO
ALC Too Low Flag (Resonator Amplitude Too Low)
ALCMON
Enable ALC Monitoring for Status Flags Only; Does NOT
Enable Amplitude Control
ALCULOK
Auto Enable ALC when PLL Unlocked
Changes in the internal ALC output can cause extremely
small jumps in the VCO frequency. These jumps may be
acceptable in some applications but not in others. Use the
above table to choose when the ALC is active. The ALCHI
and ALCLO flags, valid only when the ALC is active or the
ALCMON bit is set, may be used to monitor the resonator
amplitude.
The ALC must be allowed to operate during or after a
calibration cycle. At least one of the ALCCAL, ALCEN or
ALCULOK bits must be set.
VCO (N) DIVIDER
The 16-bit N divider provides the feedback from the VCO
to the PFD. Its divide ratio N may be set to any integer
from 32 to 65535, inclusive. Use the ND[15:0] bits found
in registers h05 and h06 to directly program the N divide
ratio. See the Applications Information section for the
relationship between N and the fREF, fPFD, fVCO and fRF
frequencies.
OUTPUT (O) DIVIDER
The 3-bit O divider can reduce the frequency from the VCO
to extend the output frequency range. Its divide ratio O
may be set to any integer from 1 to 6, inclusive, outputting
a 50% duty cycle even with odd divide values. Use the
OD[2:0] bits found in register h08 to directly program the
0 divide ratio. See the Applications Information section
for the relationship between O and the fREF, fPFD, fVCO and
fRF frequencies.
RF OUTPUT BUFFER
The low noise, differential output buffer produces a dif-
ferential output power of –6dBm to 3dBm, settable with
bits RFO[1:0] according to Table 9. The outputs may be
combined externally, or used individually. Terminate any
unused output with a 50Ω resistor to VRF+.
Table 9. RFO[1:0] Programming
RFO[1:0}
PRF (Differential)
PRF (Single Ended)
0
–6dBm
–9dBm
1
–3dBm
–6dBm
2
0dBm
–3dBm
3
3dBm
0dBm
Each output is open collector with 136Ω pull-up resistors
to VRF+, easing impedance matching at high frequencies.
See Figure 6 for circuit details and the Applications Infor-
mation section for matching guidelines. The buffer may
be muted with either the OMUTE bit, found in register
h02, or by forcing the MUTE input low.
12
11
6946 F06
VRF
+
VRF
+
RF+
136Ω
136Ω
RF–
MUTE
OMUTE
RFO[1:0]
9
MUTE
Figure 6. Simplified RF Interface Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com