Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6946 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC6946
Description  Ultralow Noise and Spurious 0.37GHz to 5.7GHz Integer-N Synthesizer with Integrated VCO
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6946 Datasheet(HTML) 2 Page - Linear Technology

  LTC6946 Datasheet HTML 1Page - Linear Technology LTC6946 Datasheet HTML 2Page - Linear Technology LTC6946 Datasheet HTML 3Page - Linear Technology LTC6946 Datasheet HTML 4Page - Linear Technology LTC6946 Datasheet HTML 5Page - Linear Technology LTC6946 Datasheet HTML 6Page - Linear Technology LTC6946 Datasheet HTML 7Page - Linear Technology LTC6946 Datasheet HTML 8Page - Linear Technology LTC6946 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
LTC6946
2
6946fa
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
Supply Voltages
V+ (VREF+, VREFO+, VRF+, VD+) to GND..................3.6V
VCP+, VVCO+ to GND .............................................5.5V
Voltage on CP Pin ................. GND – 0.3V to VCP+ + 0.3V
Voltage on All Other Pins ..........GND – 0.3V to V+ + 0.3V
Operating Case Temperature Range (TC)
(Note 2).................................................. –40°C to 105°C
Operating Junction Temperature........................... 125°C
Storage Temperature Range .................. –65°C to 150°C
(Note 1)
9
10
TOP VIEW
29
GND
UFD PACKAGE
28-LEAD (4mm
5mm) PLASTIC QFN
11 12 13
28 27 26 25 24
14
23
6
5
4
3
2
1
VREFO+
REFO
STAT
CS
SCLK
SDI
SDO
VD
+
VVCO
+
GND
CMA
CMB
CMC
GND
TB
TUNE
7
17
18
19
20
21
22
16
8
15
TJMAX = 125°C, θJC = 7°C/W,
EXPOSED PAD (PIN 29) IS GND, MUST BE SOLDERED TO PCB
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
CASE TEMPERATURE RANGE
LTC6946IUFD-1#PBF
LTC6946IUFD-1#TRPBF
69461
28-Lead (4mm × 5mm) Plastic QFN
–40°C to 105°C
LTC6946IUFD-2#PBF
LTC6946IUFD-2#TRPBF
69462
28-Lead (4mm × 5mm) Plastic QFN
–40°C to 105°C
LTC6946IUFD-3#PBF
LTC6946IUFD-3#TRPBF
69463
28-Lead (4mm × 5mm) Plastic QFN
–40°C to 105°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
AVAILABLE OPTIONS
VCO FREQUENCY
RANGE (GHz)
PACKAGE STYLE
OUTPUT FREQUENCY RANGE vs OUTPUT DIVIDER SETTING (GHz)
QFN-28 (UFD28)
0 DIV = 6
0 DIV = 5
0 DIV = 4
0 DIV = 3
0 DIV = 2
0 DIV = 1
2.240 to 3.740
LTC6946IUFD-1
0.373 to 0.623
0.448 to 0.748
0.560 to 0.935
0.747 to 1.247
1.120 to 1.870
2.240 to 3.740
3.080 to 4.910
LTC6946IUFD-2
0.513 to 0.818
0.616 to 0.982
0.770 to 1.228
1.027 to 1.637
1.540 to 2.455
3.080 to 4.910
3.840 to 5.790
LTC6946IUFD-3
0.640 to 0.965
0.768 to 1.158
0.960 to 1.448
1.280 to 1.930
1.920 to 2.895
3.840 to 5.790
Overlapping Frequency Bands



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com