Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCA3000-D01 Datasheet(PDF) 16 Page - VTI technologies

Part # SCA3000-D01
Description  Product Family Specification
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VTI [VTI technologies]
Direct Link  http://www.vti.fi
Logo VTI - VTI technologies

SCA3000-D01 Datasheet(HTML) 16 Page - VTI technologies

Back Button SCA3000-D01 Datasheet HTML 12Page - VTI technologies SCA3000-D01 Datasheet HTML 13Page - VTI technologies SCA3000-D01 Datasheet HTML 14Page - VTI technologies SCA3000-D01 Datasheet HTML 15Page - VTI technologies SCA3000-D01 Datasheet HTML 16Page - VTI technologies SCA3000-D01 Datasheet HTML 17Page - VTI technologies SCA3000-D01 Datasheet HTML 18Page - VTI technologies SCA3000-D01 Datasheet HTML 19Page - VTI technologies SCA3000-D01 Datasheet HTML 20Page - VTI technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 43 page
background image
SCA3000 Series
VTI Technologies Oy
16/ 43
www.vti.fi
Doc.Nr. 8257300A.07
Rev.A.07
Addr.
Name
Description
Mode
(R, W, RW, IA)
Reg.
type
Locked
21h
INT_MASK
HW interrupt mask register
(configures the operation of
INT-pin):
- interrupt when output
buffer is ¾ full
(enable / disable)
- interrupt when output
buffer is ½ full
(enable / disable)
- mask all interrupts on
INT-pin (enable / disable)
- INT-pin activity (INT
active low / INT active
high)
RW, NV
Conf
22h
CTRL_DATA
Data to/from register which
address
is
in
CTRL_SEL
(18h) register
RW, NV, IA
Conf
x
23h ... 3Fh
Reserved
-
Add. is the register address in hex format.
RW – Read / Write register, R – Read-only register, NV – Register mirrors NV-memory data (NV = non-volatile).
IA – indirect addressing used.
Registers whose read and write access is blocked by register lock is marked in "Locked" column.
3.2
Non-volatile memory
The SCA3000 has an internal non-volatile memory for calibration and configuration data. Memory
content will be programmed during production and is not user configurable. Initial configuration
values can be found in the following section 3.4.
3.3
Output Registers
The SCA3000 output registers (marked with 'Output' in Table 5) contents and bit definitions are
described in this section. Output registers contain information of measured acceleration and
temperature as well as information of the operating state and interrupts of SCA3000.
When reading the output values an MSB register must be read first because MSB register reading
latches the data in to all other acceleration output registers
Address: 04h
Register name: X_LSB, X-axis LSB frame
Bits
Mode
Initial
Value
Name
Description
7:0
R
00h
DATA
X-axis LSB frame
Address: 05h
Register name: X_MSB, X-axis MSB frame
Bits
Mode
Initial
Value
Name
Description
7:0
R
00h
DATA
X-axis MSB frame
Address: 06h
Register name: Y_LSB, Y-axis LSB frame
Bits
Mode
Initial
Value
Name
Description
7:0
R
00h
DATA
Y-axis LSB frame



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com