Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCA3000-D01 Datasheet(PDF) 27 Page - VTI technologies

Part # SCA3000-D01
Description  Product Family Specification
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VTI [VTI technologies]
Direct Link  http://www.vti.fi
Logo VTI - VTI technologies

SCA3000-D01 Datasheet(HTML) 27 Page - VTI technologies

Back Button SCA3000-D01 Datasheet HTML 23Page - VTI technologies SCA3000-D01 Datasheet HTML 24Page - VTI technologies SCA3000-D01 Datasheet HTML 25Page - VTI technologies SCA3000-D01 Datasheet HTML 26Page - VTI technologies SCA3000-D01 Datasheet HTML 27Page - VTI technologies SCA3000-D01 Datasheet HTML 28Page - VTI technologies SCA3000-D01 Datasheet HTML 29Page - VTI technologies SCA3000-D01 Datasheet HTML 30Page - VTI technologies SCA3000-D01 Datasheet HTML 31Page - VTI technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 43 page
background image
SCA3000 Series
VTI Technologies Oy
27/ 43
www.vti.fi
Doc.Nr. 8257300A.07
Rev.A.07
4.2
I
2C Interface
I
2C is a 2-wire serial interface. It consists of one master device and one or more slave devices. The
master is defined as a micro controller providing the serial clock (SCL), and the slave as any
integrated circuit receiving the SCL clock from the master. The SCA3000 sensor always operates
as a slave device in master-slave operation mode. When using an SPI interface, a hardware
addressing is used (slaves have dedicated CSB signals), the I
2C interface uses a software based
addressing (slave devices have dedicated bit patterns as addresses).
The SCA3000 is compatible to the Philips I
2C specification V2.1. Main used features of the I2C
interface are:
-
10-bit addressing, SCA3000 I
2C device address is 0x1F1
-
Supports standard mode and fast mode
-
Start / Restart / Stop
-
Slave transceiver mode
-
Designed for low power consumption
In addition to the Philips specification, the SCA3000 I
2C interface supports multiple write and read
mode.
4.2.1
I
2C frame format
4.2.1.1
I
2C write mode
In I
2C write mode, the first 8 bits after device address define the SCA3000 internal register address
to be written. If multiple data words are transferred by the master, the register address is
decreased automatically by one (see cases 1 and 2 in Figure 10).
4.2.1.2
I
2C read mode
The read mode operates as described in Philips I
2C specification. I2C read operation returns the
content of the register which address is defined in I2C_RD_SEL register. So when performing the
I
2C read operation, the register address to be read has to be written into I2C_RD_SEL register
before actual read operation. Read operation starts from register address that has been written
earlier in I2C_RD_SEL register. Read data is acknowledged by I
2C master. Automatic read
address change depends on the selected start address (see cases 3 and 4 in Figure 10).
-
If address is some of registers between X_LSB
Z_MSB the register address is automatically
cycled as follows:
...
Y_MSB
Y_LSB
X_MSB
X_LSB
Z_MSB
Z_LSB
Y_MSB
Y_LSB
...
-
If the start address is any other register, the read address is NOT automatically incremented or
decremented (the data transfer continues from the same address.) This enables the burst read
from output ring buffer (register BUF_DATA).
4.2.1.3
Decremented register read
Decremented reading is possible only for registers X_LSB ... Z_MSB. Refer to decremented read
with SPI interface section 4.1.3.2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com