Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCA3000-D01 Datasheet(PDF) 31 Page - VTI technologies

Part # SCA3000-D01
Description  Product Family Specification
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VTI [VTI technologies]
Direct Link  http://www.vti.fi
Logo VTI - VTI technologies

SCA3000-D01 Datasheet(HTML) 31 Page - VTI technologies

Back Button SCA3000-D01 Datasheet HTML 27Page - VTI technologies SCA3000-D01 Datasheet HTML 28Page - VTI technologies SCA3000-D01 Datasheet HTML 29Page - VTI technologies SCA3000-D01 Datasheet HTML 30Page - VTI technologies SCA3000-D01 Datasheet HTML 31Page - VTI technologies SCA3000-D01 Datasheet HTML 32Page - VTI technologies SCA3000-D01 Datasheet HTML 33Page - VTI technologies SCA3000-D01 Datasheet HTML 34Page - VTI technologies SCA3000-D01 Datasheet HTML 35Page - VTI technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 43 page
background image
SCA3000 Series
VTI Technologies Oy
31/ 43
www.vti.fi
Doc.Nr. 8257300A.07
Rev.A.07
Terminal MOSI, CSB
11
Time between SPI
cycles, CSB at high
level (90%)
TLH
4 · Tper
ns
Tper is SCK period
5.3.4
I
2C AC characteristics
Please, see Phillips Semiconductors, The I
2C bus specification, Version 2.1, January 2000, pp. 31-
33.
6
Package Characteristics
6.1
Dimensions
The package dimensions are presented in Figure 12 below (dimensions in millimeters [mm] with
±50 µm tolerance).
Figure 12. SCA3000 package dimensions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com