Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCA3000-D01 Datasheet(PDF) 5 Page - VTI technologies

Part # SCA3000-D01
Description  Product Family Specification
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VTI [VTI technologies]
Direct Link  http://www.vti.fi
Logo VTI - VTI technologies

SCA3000-D01 Datasheet(HTML) 5 Page - VTI technologies

  SCA3000-D01 Datasheet HTML 1Page - VTI technologies SCA3000-D01 Datasheet HTML 2Page - VTI technologies SCA3000-D01 Datasheet HTML 3Page - VTI technologies SCA3000-D01 Datasheet HTML 4Page - VTI technologies SCA3000-D01 Datasheet HTML 5Page - VTI technologies SCA3000-D01 Datasheet HTML 6Page - VTI technologies SCA3000-D01 Datasheet HTML 7Page - VTI technologies SCA3000-D01 Datasheet HTML 8Page - VTI technologies SCA3000-D01 Datasheet HTML 9Page - VTI technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 43 page
background image
SCA3000 Series
VTI Technologies Oy
5/ 43
www.vti.fi
Doc.Nr. 8257300A.07
Rev.A.07
1
General Description
1.1
Introduction
SCA3000 is a three axis accelerometer family targeted for products requiring high performance
with low power consumption. It consists of a 3D-MEMS sensing element and a signal conditioning
ASIC packaged into a plastic Molded Interconnection Device package (MID).
A block diagram of the SCA3000 product family is presented in Figure 1 below.
INT
DE-
MUX
1:3
Low-pass
Filter
Low-pass
Filter
Low-pass
Filter
Decimation
Decimation
Decimation
Coordinate
Mapping
and
Calibration
Oscillator
&
clock
Motion
detector
Free fall
detector
Reference
SPI
&
I2C
i/f
Control
&
INT
SCK/SCL
MISO/SDA
MOSI
CSB
Ring
Buffer
C/V
Analog
calibration
&
ADC
Non-
Volatile
Memory
Temperature
sensor
Figure 1. SCA3000 Block Diagram.
This document, no. 8257300, describes the product specification (e.g. operation modes, user
accessible registers, electrical properties and application information) for the SCA3000 family. The
specification for an individual sensor is available in the corresponding data sheet.
1.2
Functional Description
1.2.1
Sensing element
The sensing element is manufactured using the proprietary bulk 3D-MEMS process, which enables
robust, stable and low noise & power capacitive sensors.
The sensing element consists of three acceleration sensitive masses. Acceleration will cause a
capacitance change that will be then converted into a voltage change in the signal conditioning
ASIC. Due to its mechanical construction, the element's measurement coordinates are rotated 45°
compared to the conventional orthogonal X,Y,Z coordinate system.
1.2.2
Interface IC
The sensing element is interfaced via a capacitance-to-voltage (CV) converter. Following
calibration in the analog domain, the signal is converted by a successive approximation type of
analog-to-digital converter (ADC). The ADC's signal is de-multiplexed into three signal processing
channels where it is low-pass filtered and decimated. After that, the signals are mapped into
orthogonal coordinates (X-Y-Z) and transferred to the output registers. Depending on the product,
the SCA3000 sensor supports either a fully digital serial SPI or I
2C interface. In normal
measurement mode, acceleration data can be read via the serial bus. Other supported features are
a separate motion detection mode and parallel free-fall detection. In these modes, the sensor will
generate an interrupt when a pre-defined condition has been met.
The SCA3000 includes an internal oscillator, reference and non-volatile memory that enable the
sensor's autonomous operation within a system. The temperature sensor is used in some product
applications to enhance the temperature stability. In that case, temperature information can also be
read out from the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com