Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCA3000-D01 Datasheet(PDF) 39 Page - VTI technologies

Part # SCA3000-D01
Description  Product Family Specification
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VTI [VTI technologies]
Direct Link  http://www.vti.fi
Logo VTI - VTI technologies

SCA3000-D01 Datasheet(HTML) 39 Page - VTI technologies

Back Button SCA3000-D01 Datasheet HTML 35Page - VTI technologies SCA3000-D01 Datasheet HTML 36Page - VTI technologies SCA3000-D01 Datasheet HTML 37Page - VTI technologies SCA3000-D01 Datasheet HTML 38Page - VTI technologies SCA3000-D01 Datasheet HTML 39Page - VTI technologies SCA3000-D01 Datasheet HTML 40Page - VTI technologies SCA3000-D01 Datasheet HTML 41Page - VTI technologies SCA3000-D01 Datasheet HTML 42Page - VTI technologies SCA3000-D01 Datasheet HTML 43Page - VTI technologies  
Zoom Inzoom in Zoom Outzoom out
 39 / 43 page
background image
SCA3000 Series
VTI Technologies Oy
39/ 43
www.vti.fi
Doc.Nr. 8257300A.07
Rev.A.07
nominal output [counts] on input acceleration acc, Sens is sensor’s nominal sensitivity [counts/g] and
FS is sensor’s full scale measuring range [g] (for example for SCA3000-D01 ±2g
→ FS = 2 g).
Sensor’s ideal output Output@acc (in Equation 7) is calculated from the straight line through
sensitivity calibration points (the red straight line in Figure 23). Nominal output is calculated by
Equation 8
2
2
2
1
1
1
1
1
1
@
g
g
g
g
g
g
acc
Output
Output
g
Output
Output
acc
offset
g
Output
Output
acc
Output
+
+
+
+
+
=
+
=
,
where Output@acc is sensor’s nominal output [counts] with input acceleration acc in [g], Output+1g is
sensor’s measured output [counts] at +1 g input acceleration and Output-1g is sensor’s measured
output at -1 g input acceleration. Possible offset term [counts] is included into nominal output,
because it is not included in to linearity error.
8.4
Noise
Output noise nX, nY and nZ in X,Y and Z directions is the measured standard deviation of the output
values when the sensor is in 0 g position at room temperature. Average noise/axis is calculated by
Equation 9
()2
2
2
3
1
Z
Y
X
n
n
n
n
+
+
=
,
where n is sensor’s noise [g] per axis, nX is sensor’s X-axis noise [g], nY is sensor’s Y-axis noise [g]
and nZ is sensor’s Z-axis noise [g].
SCA3000 demo-kit design can be used as a reference design for noise measurements, refer to
“SCA3000 DEMO KIT User Manual 8259300”.
8.5
Bandwidth
Signal bandwidth is measured in a shaker by sweeping the piston movement frequency with
constant amplitude (Figure 24).
Z
Earth’s
gravitation
Shaker
movement
in parallel
to Z-axis
Y
X
Pin #1
Figure 24. SCA3000 movement in Z-axis bandwidth measurement.
8.6
Cross-axis sensitivity
Cross-axis sensitivity is sum of the alignment and the inherent sensitivity errors. Cross-axis
sensitivity of one axis is a geometric sum of the sensitivities in two perpendicular directions.
Cross-axis sensitivity [%] of X-axis is given by



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com