Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCA3000-D01 Datasheet(PDF) 9 Page - VTI technologies

Part # SCA3000-D01
Description  Product Family Specification
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VTI [VTI technologies]
Direct Link  http://www.vti.fi
Logo VTI - VTI technologies

SCA3000-D01 Datasheet(HTML) 9 Page - VTI technologies

Back Button SCA3000-D01 Datasheet HTML 5Page - VTI technologies SCA3000-D01 Datasheet HTML 6Page - VTI technologies SCA3000-D01 Datasheet HTML 7Page - VTI technologies SCA3000-D01 Datasheet HTML 8Page - VTI technologies SCA3000-D01 Datasheet HTML 9Page - VTI technologies SCA3000-D01 Datasheet HTML 10Page - VTI technologies SCA3000-D01 Datasheet HTML 11Page - VTI technologies SCA3000-D01 Datasheet HTML 12Page - VTI technologies SCA3000-D01 Datasheet HTML 13Page - VTI technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 43 page
background image
SCA3000 Series
VTI Technologies Oy
9/ 43
www.vti.fi
Doc.Nr. 8257300A.07
Rev.A.07
negative accelerations until a valid acceleration value is read. In Table 4 the maximum and
minimum acceleration register values that are in measuring range (for registers X_LSB … Z_MSB)
for SCA3000-D0x and SCA3000-E0x are presented.
Table 4. Maximum and minimum values in the SCA3000 measuring range.
SCA3000-D01
SCA3000-D02
SCA3000-E01
SCA3000-E02
SCA3000-E04
SCA3000-E05
First positive
acceleration value
out of range
[mg]
dec
bin
-
3072
0110 0000 0000 0xxx
-
3072
0110 0000 0000 0xxx
-
3072
0110 0000 0000 0xxx
-
3072
0110 0000 0000 0xxx
Maximum positive
acceleration value
in range
[mg]
dec
bin
2303.25 mg
3071
0101 1111 1111 1xxx
3071 mg
3071
0101 1111 1111 1xxx
6142 mg
3071
0101 1111 1111 1xxx
19193.75 mg
3071
0101 1111 1111 1xxx
Minimum negative
acceleration value
in range
[mg]
dec
bin
-2304 mg
-3072
1010 0000 0000 0xxx
-3072 mg
-3072
1010 0000 0000 0xxx
-6144 mg
-3072
1010 0000 0000 0xxx
-19200 mg
-3072
1010 0000 0000 0xxx
First negative
acceleration value
out of range
[mg]
dec
bin
-
-3073
1001 1111 1111 1xxx
-
-3073
1001 1111 1111 1xxx
-
-3073
1001 1111 1111 1xxx
-
-3073
1001 1111 1111 1xxx
2.3
Motion Detection Mode
2.3.1
Description
In MD mode, the ADC's data is not fed to the signal processing channel shown in Figure 1 but to
the MD block. It consists of a digital band-pass filter (BPF), threshold level programmable digital
comparator and a configurable trigger function.
BPF's
-3 dB
low-pass
frequency
is
25 Hz …60 Hz
and
-3 dB
high-pass
frequency
is
0.05 Hz …1 Hz. See Figure 2 below.
Band Pass Filter's Response
for reference only
-20
-15
-10
-5
0
5
0.01
0.1
1
10
100
1000
Freq [Hz]
Lower limit
Upper limit
Figure 2. The MD band-pass filter's frequency response.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com