Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCA3000-D01 Datasheet(PDF) 28 Page - VTI technologies

Part # SCA3000-D01
Description  Product Family Specification
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VTI [VTI technologies]
Direct Link  http://www.vti.fi
Logo VTI - VTI technologies

SCA3000-D01 Datasheet(HTML) 28 Page - VTI technologies

Back Button SCA3000-D01 Datasheet HTML 24Page - VTI technologies SCA3000-D01 Datasheet HTML 25Page - VTI technologies SCA3000-D01 Datasheet HTML 26Page - VTI technologies SCA3000-D01 Datasheet HTML 27Page - VTI technologies SCA3000-D01 Datasheet HTML 28Page - VTI technologies SCA3000-D01 Datasheet HTML 29Page - VTI technologies SCA3000-D01 Datasheet HTML 30Page - VTI technologies SCA3000-D01 Datasheet HTML 31Page - VTI technologies SCA3000-D01 Datasheet HTML 32Page - VTI technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 43 page
background image
SCA3000 Series
VTI Technologies Oy
28/ 43
www.vti.fi
Doc.Nr. 8257300A.07
Rev.A.07
4.2.2
Examples of I
2C communication
Examples of I
2C communication are presented below in Figure 10.
S
0 SA
SA
SA
SA
device addr 1st byte
11110AA
device addr 2nd byte
AAAAAAAA
register addr
8 bits, MSB first
register data
8 bits, MSB first
CASE 1: I2C 8 bit write
S
0 SA
SA
SA
SA
device addr 1st byte
11110AA
device addr 2nd byte
AAAAAAAA
register addr
8 bits, MSB first
register data, addr + 0
8 bits, MSB first
CASE 2: I2C 16 bit write (any number of bytes can be written, length is determined by end condition generated by master)
SA
register data, addr - 1
8 bits, MSB first
E
S
0 SA
SA
MA
device addr 1st byte
11110AA
device addr 2nd byte
AAAAAAAA
register data, addr
8 bits, MSB first
CASE 3: I2C 8 bit read, read address for SCA3000 series register should be written to I2C_RD_SEL register
CASE 4: I2C 16 bit read (any number of bytes can be read, length is determined by end condition generated by master).
Automatic register address changing depends on selected start address in I2C_RD_SEL (noted by addr and addr_x on the figure).
E
S
= Start condition
RS = Repeated start condition
E
= End condition
SA = Slave Acknowledgement
MA = Master Acknowledgement
AA = Device address, 10 bits
Read/write select bit
(0=write, 1=read)
RS
device addr 1st byte
11110AA
1 SA
S
0 SA
SA
MA
device addr 1st byte
11110AA
device addr 2nd byte
AAAAAAAA
register data, addr
8 bits, MSB first
E
RS
device addr 1st byte
11110AA
1 SA
MA
register data, addr_x
8 bits, MSB first
E
Figure 10. I
2C frame format.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com