Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCA3000-D01 Datasheet(PDF) 18 Page - VTI technologies

Part # SCA3000-D01
Description  Product Family Specification
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VTI [VTI technologies]
Direct Link  http://www.vti.fi
Logo VTI - VTI technologies

SCA3000-D01 Datasheet(HTML) 18 Page - VTI technologies

Back Button SCA3000-D01 Datasheet HTML 14Page - VTI technologies SCA3000-D01 Datasheet HTML 15Page - VTI technologies SCA3000-D01 Datasheet HTML 16Page - VTI technologies SCA3000-D01 Datasheet HTML 17Page - VTI technologies SCA3000-D01 Datasheet HTML 18Page - VTI technologies SCA3000-D01 Datasheet HTML 19Page - VTI technologies SCA3000-D01 Datasheet HTML 20Page - VTI technologies SCA3000-D01 Datasheet HTML 21Page - VTI technologies SCA3000-D01 Datasheet HTML 22Page - VTI technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 43 page
background image
SCA3000 Series
VTI Technologies Oy
18/ 43
www.vti.fi
Doc.Nr. 8257300A.07
Rev.A.07
Table 8. Bit level description for acceleration registers of SCA3000-E04.
Byte
MSB byte
LSB byte
Bit number
Acceleration [mg]
B7
Sign
B6
4096
B5
2048
B4
1024
B3
512
B2
256
B1
128
B0
64
B7
32
B6
16
B5
8
B4
4
B3
2
B2:B0
xxx
SCA3000-E04
[X_LSB…Z_MSB]
s
d11 d10
d9
d8
d7
d6
d5
d4
d3
d2
d1
d0
xxx
SCA3000-E04
Ring buffer in 11-bit
mode [BUF_DATA]
s
d9
d8
d7
d6
d5
d4
d3
d2
d1
d0
x
x
xxx
SCA3000-E04
Ring buffer in 8-bit
mode [BUF_DATA]
s
d6
d5
d4
d3
d2
d1
d0
x
x
x
x
x
xxx
s = sign bit
x = not used bit
Table 9. Bit level description for acceleration registers of SCA3000-E05.
Byte
MSB byte
LSB byte
Bit number
Acceleration [mg]
B7
Sign
B6
12800
B5
6400
B4
3200
B3
1600
B2
800
B1
400
B0
200
B7
100
B6
50
B5
25
B4
12.5
B3
6.25
B2:B0
xxx
SCA3000-E05
[X_LSB…Z_MSB]
s
d11 d10
d9
d8
d7
d6
d5
d4
d3
d2
d1
d0
xxx
SCA3000-E05
Ring buffer in 11-bit
mode [BUF_DATA]
s
d9
d8
d7
d6
d5
d4
d3
d2
d1
d0
x
x
xxx
SCA3000-E05
Ring buffer in 8-bit
mode [BUF_DATA]
s
d6
d5
d4
d3
d2
d1
d0
x
x
x
x
x
xxx
s = sign bit
x = not used bit
Address: 12h
Register name: TEMP_LSB, temperature LSB frame
Bits
Mode
Initial
Value
Name
Description
7:0
R
00h
TEMP
Temperature LSB frame
Address: 13h
Register name: TEMP_MSB, temperature MSB frame
Bits
Mode
Initial
Value
Name
Description
7:0
R
00h
TEMP
Temperature MSB frame
The bit level description for temperature data from TEMP_MSB and TEMP_LSB registers is
presented in Table 10. Temperature data is presented in unsigned format. The LSB bit (bit B5 or t0
in Table 10) weight is ~0.56°C. See section 2.6 for more detailed information of converting the data
to temperature in [°C].
Table 10. Bit level description for temperature registers [TEMP_MSB … TEMP_LSB].
Register
TEMP_MSB
TEMP_LSB
Bit number
B7:B6
B5
B4
B3
B2
B1
B0
B7
B6
B5
B4:B0
Bit in temperature
register
xx
t8
t7
t6
t5
t4
t3
t2
t1
t0
xxxxx
x = not used bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com