Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCA3000-D01 Datasheet(PDF) 15 Page - VTI technologies

Part # SCA3000-D01
Description  Product Family Specification
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VTI [VTI technologies]
Direct Link  http://www.vti.fi
Logo VTI - VTI technologies

SCA3000-D01 Datasheet(HTML) 15 Page - VTI technologies

Back Button SCA3000-D01 Datasheet HTML 11Page - VTI technologies SCA3000-D01 Datasheet HTML 12Page - VTI technologies SCA3000-D01 Datasheet HTML 13Page - VTI technologies SCA3000-D01 Datasheet HTML 14Page - VTI technologies SCA3000-D01 Datasheet HTML 15Page - VTI technologies SCA3000-D01 Datasheet HTML 16Page - VTI technologies SCA3000-D01 Datasheet HTML 17Page - VTI technologies SCA3000-D01 Datasheet HTML 18Page - VTI technologies SCA3000-D01 Datasheet HTML 19Page - VTI technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 43 page
background image
SCA3000 Series
VTI Technologies Oy
15/ 43
www.vti.fi
Doc.Nr. 8257300A.07
Rev.A.07
3
Addressing Space
The SCA3000 register contents and bit definitions are described in more detail in the following
sections.
3.1
Register Description
The SCA3000 addressing space is presented in Table 5 below.
Table 5. List of registers.
Addr.
Name
Description
Mode
(R, W, RW, IA)
Reg.
type
Locked
00h
REVID
ASIC revision ID number
R
Conf
01h
Reserved
-
02h
STATUS
Status register
R
Conf
03h
Reserved
-
04h
X_LSB
X-axis LSB frame
R
Output
05h
X_MSB
X-axis MSB frame
R
Output
06h
Y_LSB
Y-axis LSB frame
R
Output
07h
Y_MSB
Y-axis MSB frame
R
Output
08h
Z_LSB
Z-axis LSB frame
R
Output
09h
Z_MSB
Z-axis MSB frame
R
Output
0Ah ... 0Eh
Reserved
-
0Fh
BUF_DATA
Ring buffer output register
R
Output
10h ... 11h
Reserved
-
12h
TEMP_LSB
Temperature LSB frame
R
Output
13h
TEMP_MSB
Temperature MSB frame
R
Output
14h
MODE
Operating mode selection,
control and configuration for:
- mode selection
- output buffer
- free-fall detection
RW
Conf
15h
BUF_COUNT
Count of unread data
samples in output buffer
R
Output
16h
INT_STATUS
Interrupt status register:
- output buffer is not full, ½
full or ¾ full
- free-fall detected / not
detected
- information of which axis
triggered motion
R
Output
17h
I2C_RD_SEL
Register address for I
2C read
operation
RW
Conf
18h
CTRL_SEL
Register address pointer for
indirect control registers
RW
Conf
x
19h
...
1Dh
Reserved
-
1Eh
UNLOCK
Unlock register
RW
Conf
1Fh ... 20h
Reserved
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com