Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCA3000-D01 Datasheet(PDF) 40 Page - VTI technologies

Part # SCA3000-D01
Description  Product Family Specification
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VTI [VTI technologies]
Direct Link  http://www.vti.fi
Logo VTI - VTI technologies

SCA3000-D01 Datasheet(HTML) 40 Page - VTI technologies

Back Button SCA3000-D01 Datasheet HTML 35Page - VTI technologies SCA3000-D01 Datasheet HTML 36Page - VTI technologies SCA3000-D01 Datasheet HTML 37Page - VTI technologies SCA3000-D01 Datasheet HTML 38Page - VTI technologies SCA3000-D01 Datasheet HTML 39Page - VTI technologies SCA3000-D01 Datasheet HTML 40Page - VTI technologies SCA3000-D01 Datasheet HTML 41Page - VTI technologies SCA3000-D01 Datasheet HTML 42Page - VTI technologies SCA3000-D01 Datasheet HTML 43Page - VTI technologies  
Zoom Inzoom in Zoom Outzoom out
 40 / 43 page
background image
SCA3000 Series
VTI Technologies Oy
40/ 43
www.vti.fi
Doc.Nr. 8257300A.07
Rev.A.07
Equation 10
%,
100
2
2
⋅
+
±
=
X
XZ
XY
X
S
S
S
Cross
where SXY is X-axis sensitivity to Y-axis acceleration [Count/g], SXZ is X-axis sensitivity to Z-axis
acceleration [Count/g] and SX is sensitivity of X-axis [Count/g].
Cross-axis sensitivity [%] of Y-axis is given by
Equation 11
%,
100
2
2
⋅
+
±
=
Y
YZ
YX
Y
S
S
S
Cross
where SYX is Y-axis sensitivity to X-axis acceleration [Count/g], SYZ is Y-axis sensitivity to Z-axis
acceleration [Count/g] and SY is sensitivity of Y-axis [Count/g].
Cross-axis sensitivity [%] of Z-axis is given by
Equation 12
%,
100
2
2
⋅
+
±
=
Z
ZY
ZX
Z
S
S
S
Cross
where SZX is Z-axis sensitivity to X-axis acceleration [Count/g], SZY is Z-axis sensitivity to Y-axis
acceleration [Count/g] and SZ is sensitivity of Z-axis [Count/g].
Cross-axis sensitivity of SCA3000 family is measured in centrifuge over specified measurement
range during qualification. Correct mounting position of component is important during the
measurement of cross-axis sensitivity.
8.7
Turn-on time
Turn-on time is the time when the last of one X, Y, Z axis output readings stabilizes into its final
value after XRESET is pulled high. The final value limits in turn-on time measurements is defined to
be ±1 % of the sensor’s full scale measuring range (for example for SCA3000-D01 ±2g
→
FS = 2 g). Turn-on time definition for Z-axis is presented in Figure 25 below.
SCA3000 output
inside ±1% FS
limits
SCA3000
Z-axis output
Acceleration
Turn on time
Time scale
XRESET rise up
→ SCA3000 starts
Figure 25. Turn-on time definition for one axis.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com