Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCA3000-D01 Datasheet(PDF) 17 Page - VTI technologies

Part # SCA3000-D01
Description  Product Family Specification
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VTI [VTI technologies]
Direct Link  http://www.vti.fi
Logo VTI - VTI technologies

SCA3000-D01 Datasheet(HTML) 17 Page - VTI technologies

Back Button SCA3000-D01 Datasheet HTML 13Page - VTI technologies SCA3000-D01 Datasheet HTML 14Page - VTI technologies SCA3000-D01 Datasheet HTML 15Page - VTI technologies SCA3000-D01 Datasheet HTML 16Page - VTI technologies SCA3000-D01 Datasheet HTML 17Page - VTI technologies SCA3000-D01 Datasheet HTML 18Page - VTI technologies SCA3000-D01 Datasheet HTML 19Page - VTI technologies SCA3000-D01 Datasheet HTML 20Page - VTI technologies SCA3000-D01 Datasheet HTML 21Page - VTI technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 43 page
background image
SCA3000 Series
VTI Technologies Oy
17/ 43
www.vti.fi
Doc.Nr. 8257300A.07
Rev.A.07
Address: 07h
Register name: Y_MSB, Y-axis MSB frame
Bits
Mode
Initial
Value
Name
Description
7:0
R
00h
DATA
Y-axis MSB frame
Address: 08h
Register name: Z_LSB, Z-axis LSB frame
Bits
Mode
Initial
Value
Name
Description
7:0
R
00h
DATA
Z-axis LSB frame
Address: 09h
Register name: Z_MSB, Z-axis MSB frame
Bits
Mode
Initial
Value
Name
Description
7:0
R
00h
DATA
Z-axis MSB frame
Address: 0Fh
Register name: BUF_DATA, ring buffer output register
Bits
Mode
Initial
Value
Name
Description
7:0
R
00h
DATA
Ring buffer output register
Bit level description for acceleration data from X_LSB ... Z_MSB and BUF_DATA registers is
presented in Table 6 ... Table 9. Acceleration data is presented in 2's complement format. At 0 g
acceleration the output is ideally 00h.
Table 6. Bit level description for acceleration registers of SCA3000-D01 and SCA3000-D02.
Byte
MSB byte
LSB byte
Bit number
Acceleration [mg]
B7
Sign
B6
1536
B5
768
B4
384
B3
192
B2
96
B1
48
B0
24
B7
12
B6
6
B5
3
B4
1.5
B3
0.75
B2:B0
xxx
SCA3000-D01,-D02
[X_LSB…Z_MSB]
s
d11 d10
d9
d8
d7
d6
d5
d4
d3
d2
d1
d0
xxx
SCA3000-D01,-D02
Ring buffer in 11-bit
mode [BUF_DATA]
s
d9
d8
d7
d6
d5
d4
d3
d2
d1
d0
x
x
xxx
SCA3000-D01,-D02
Ring buffer in 8-bit
mode [BUF_DATA]
s
d6
d5
d4
d3
d2
d1
d0
x
x
x
x
x
xxx
s = sign bit
x = not used bit
Table 7. Bit level description for acceleration registers of SCA3000-E01 and SCA3000-E02.
Byte
MSB byte
LSB byte
Bit number
Acceleration [mg]
B7
Sign
B6
2048
B5
1024
B4
512
B3
256
B2
128
B1
64
B0
32
B7
16
B6
8
B5
4
B4
2
B3
1
B2:B0
xxx
SCA3000-E01,-E02
[X_LSB…Z_MSB]
s
d11 d10
d9
d8
d7
d6
d5
d4
d3
d2
d1
d0
xxx
SCA3000-E01,-E02
Ring buffer in 11-bit
mode [BUF_DATA]
s
d9
d8
d7
d6
d5
d4
d3
d2
d1
d0
x
x
xxx
SCA3000-E01,-E02
Ring buffer in 8-bit
mode [BUF_DATA]
s
d6
d5
d4
d3
d2
d1
d0
x
x
x
x
x
xxx
s = sign bit
x = not used bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com