Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCA3000-D01 Datasheet(PDF) 12 Page - VTI technologies

Part # SCA3000-D01
Description  Product Family Specification
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VTI [VTI technologies]
Direct Link  http://www.vti.fi
Logo VTI - VTI technologies

SCA3000-D01 Datasheet(HTML) 12 Page - VTI technologies

Back Button SCA3000-D01 Datasheet HTML 8Page - VTI technologies SCA3000-D01 Datasheet HTML 9Page - VTI technologies SCA3000-D01 Datasheet HTML 10Page - VTI technologies SCA3000-D01 Datasheet HTML 11Page - VTI technologies SCA3000-D01 Datasheet HTML 12Page - VTI technologies SCA3000-D01 Datasheet HTML 13Page - VTI technologies SCA3000-D01 Datasheet HTML 14Page - VTI technologies SCA3000-D01 Datasheet HTML 15Page - VTI technologies SCA3000-D01 Datasheet HTML 16Page - VTI technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 43 page
background image
SCA3000 Series
VTI Technologies Oy
12/ 43
www.vti.fi
Doc.Nr. 8257300A.07
Rev.A.07
2.5
Ring Buffer
2.5.1
Description
The SCA3000's Ring Buffer is a 192 acceleration data samples long (64 samples of 11 bit three
axis data) internal memory to relax the real-time operation requirements of the host processor. The
following parameters are configurable:
1.
Each measurement axis can be individually disabled. If measurement data from e.g. Y-axis
is not needed, available memory can be used for X- and Z-axis data.
2.
Buffer data length can be changed from 11 to 8 bits. In 8-bit mode, data can be read out
using shorter read sequence.
3.
Ring buffer's input sample rate can be the same as the sensor's data rate or divided by 2
or 4. When the divider is e.g. 2, only every 2
nd acceleration data will be stored.
4.
The Interrupt condition, when enabled, can be selected between two: interrupt in INT-pin
occurs when the buffer is 50% or 75% full.
2.5.2
Usage
The ring buffer can be enabled by setting BUF_EN bit in MODE register to "1". After enabling the
buffer, acceleration data can be read from BUF_DATA register using decrement register read,
which is described in section 4.1.3.2 for SPI and 4.2.1.3 for I
2C interface.
Each measurement axis can be individually disabled by setting corresponding bits in BUF_X_EN,
BUF_Y_EN and BUF_Z_EN in OUT_CTRL register to "0".
Output data length can be changed from 11 bits to 8 bits by setting bit BUF_8BIT in MODE register
to "1". See section 3.3 for bit level descriptions.
The count of available data samples in output ring buffer can be read from BUF_COUNT register.
Register value is updated only when it is accessed over the SPI or I
2C.
Data shift out order is X,Y,Z. In 11 bit mode two bytes must be read to get all 11 bits out. In that
case, the MSB byte is 1
st. Examples:
1.
11 bits data length, X&Y&Z axis enabled:
X1_MSB, X1_LSB, Y1_MSB, Y1_LSB, Z1_MSB, Z1_LSB, X2_MSB, X2_LSB, ... latest
Z_LSB
2.
11 bits data length, Y&Z axis enabled:
Y1_MSB, Y1_LSB, Z1_MSB, Z1_LSB, Y2_MSB, Y2_LSB, Z2_MSB, Z2_LSB, Y3_MSB,
Y3_LSB, ..., latest Z_LSB
3.
8 bits data length, all axis enabled:
X1, Y1, Z1, X2, Y2, Z2,..., latest Z
4.
8 bits data length, X&Z axis enabled:
X1, Z1, X2, Z2, X3, Z3, ..., latest Z
5.
8 bits data length, Z axis enabled:
Z1, Z2, Z3, ... , latest Z
See section 2.7 for interrupt functionality details.
Acceleration data is available in X_LSB, X_MSB, Y_LSB, Y_MSB, Z_LSB and Z_MSB when the
ring buffer is enabled.
2.5.2.1
Overflow condition
Overflow is detected from data ring buffer in same way as from the output registers. See section
2.2.2.1 for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com