Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCA3000-D01 Datasheet(PDF) 37 Page - VTI technologies

Part # SCA3000-D01
Description  Product Family Specification
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VTI [VTI technologies]
Direct Link  http://www.vti.fi
Logo VTI - VTI technologies

SCA3000-D01 Datasheet(HTML) 37 Page - VTI technologies

Back Button SCA3000-D01 Datasheet HTML 33Page - VTI technologies SCA3000-D01 Datasheet HTML 34Page - VTI technologies SCA3000-D01 Datasheet HTML 35Page - VTI technologies SCA3000-D01 Datasheet HTML 36Page - VTI technologies SCA3000-D01 Datasheet HTML 37Page - VTI technologies SCA3000-D01 Datasheet HTML 38Page - VTI technologies SCA3000-D01 Datasheet HTML 39Page - VTI technologies SCA3000-D01 Datasheet HTML 40Page - VTI technologies SCA3000-D01 Datasheet HTML 41Page - VTI technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 43 page
background image
SCA3000 Series
VTI Technologies Oy
37/ 43
www.vti.fi
Doc.Nr. 8257300A.07
Rev.A.07
8.2
Sensitivity
During sensitivity calibration, the sensor is placed in ±1 g positions having one of the sensor’s
measuring axis at a time parallel to the earth’s gravitation, see Figure 21.
Sensitivity is calculated by
Equation 4
g
Output
Output
Sens
g
axis
Y
g
axis
Y
axis
Y
2
1
@
1
@
+
=
,
where SensY-axis is sensor’s Y-axis sensitivity in [counts/g], OutputY-axis@+1g sensor’s Y-axis output
reading [counts] in +1 g position and OutputY-axis@-1g is sensor’s Y-axis output reading [counts] in -1 g
position.
Pin #1
X
Y-axis in +1 g
position
Z
X
Z
Y-axis in -1 g
position
Earth’s
gravitation
Pin #1
Figure 21. SCA3000 positions for Y-axis sensitivity measurement.
8.2.1
Sensitivity calibration error
Sensitivity calibration error is the difference between sensor’s measured sensitivity and the nominal
sensitivity at room temperature conditions. Error is calculated by
Equation 5
%
100
=
Sens
Sens
Sens
Sens
axis
Y
r
axisCalibE
Y
,
where SensY-axisCalibEr is sensor’s Y-axis sensitivity calibration error in [%], SensY-axis sensor’s Y-axis
sensitivity [counts/g] at room temperature conditions and Sens is sensor’s nominal sensitivity
[counts/g].
8.2.2
Sensitivity temperature error
Sensitivity temperature error is the difference between sensor’s sensitivity at different temperatures
and the calibrated sensitivity. Error is calculated by
Equation 6
%
100
@
@
@
@
=
RT
axis
Y
RT
axis
Y
T
axis
Y
T
axisTempEr
Y
Sens
Sens
Sens
Sens
,
where SensY-axisTempEr@T is sensor’s Y-axis sensitivity temperature error in [%] in temperature T, SensY-
axis@T is sensor’s measured Y-axis sensitivity [counts/g] at temperature T and SensY-axis@RT is sensor’s
measured Y-axis sensitivity [counts/g] at room temperature RT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com