Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCA3000-D01 Datasheet(PDF) 6 Page - VTI technologies

Part # SCA3000-D01
Description  Product Family Specification
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VTI [VTI technologies]
Direct Link  http://www.vti.fi
Logo VTI - VTI technologies

SCA3000-D01 Datasheet(HTML) 6 Page - VTI technologies

Back Button SCA3000-D01 Datasheet HTML 2Page - VTI technologies SCA3000-D01 Datasheet HTML 3Page - VTI technologies SCA3000-D01 Datasheet HTML 4Page - VTI technologies SCA3000-D01 Datasheet HTML 5Page - VTI technologies SCA3000-D01 Datasheet HTML 6Page - VTI technologies SCA3000-D01 Datasheet HTML 7Page - VTI technologies SCA3000-D01 Datasheet HTML 8Page - VTI technologies SCA3000-D01 Datasheet HTML 9Page - VTI technologies SCA3000-D01 Datasheet HTML 10Page - VTI technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 43 page
background image
SCA3000 Series
VTI Technologies Oy
6/ 43
www.vti.fi
Doc.Nr. 8257300A.07
Rev.A.07
1.2.3
Factory calibration
Sensors are factory calibrated and the trimmed parameters are gain, offset and the frequency of
the internal oscillator. Calibration parameters will be read automatically from the internal non-
volatile memory during sensor startup.
1.2.4
Supported features
Features supported by individual SCA3000 products are listed in Table 1 below.
Table 1. SCA3000 devices’ summary.
Features
SCA3000-D01 (SPI) /
SCA3000-D02 (I2C)
SCA3000-E01 (SPI) /
SCA3000-E02 (I2C)
SCA3000-E04
SCA3000-E05
Supply
voltage
2.35 V – 3.6 V
2.35 V – 3.6 V
2.35 V – 3.6 V
2.35 V – 3.6 V
I/O voltage
1.7 V – 3.6 V
1.7 V – 3.6 V
1.7 V – 3.6 V
1.7 V – 3.6 V
Measuring
range
±2 g
±3 g
±6 g
±18 g
Resolution
0.75mg / 0.04°
1mg / 0.06°
2mg / 0.11°
6.25mg / 0.36°
Sensitivity
1333 counts/g
1000 counts/g
500 counts/g
160 counts/g
Output
buffer
User enabled,
64 sampl./axis
User enabled,
64 sampl./axis
User enabled,
64 sampl./axis
User enabled,
64 sampl./axis
Motion
detection
User enabled
User enabled
User enabled
User enabled
Free fall
detection
User enabled
User enabled
User enabled
User enabled
Interface
SPI max 1.6 MHz (-D01) /
I
2C fast mode
(-D02)
SPI max 325 kHz (-E01) /
I
2C std mode
(-E02)
SPI max 325 kHz
SPI max 325 kHz
Temperatu
re output
Yes
No
No
No
Clock
Internal
Internal
Internal
Internal
1.2.5
Operation modes
1.2.5.1
Measurement
The SCA3000 is in normal measurement mode by default after start up. The sensor offers
acceleration information via the SPI or I
2C when the master requires it. The master can acquire one
axis acceleration or all three axis acceleration depending on the application. Measurement
resolution depends on the product type (see Table 1).
1.2.5.2
Motion Detection
Motion Detection (MD) mode is intended to be used to save system level power consumption. In
this mode, the SCA3000 activates the interrupt via the INT-pin when motion is detected. Sensitivity
levels can be configured via the SPI or I
2C bus for each axis. Moreover, the detection condition can
be defined using sensitivity directions with AND / OR / mux logic. Once the interrupt has happened,
the detected direction can be read out from the corresponding status register.
Normal acceleration information is not available in MD mode.
1.2.6
Free-Fall Detection
Free-Fall Detection (FFD) is intended to be used to save system resources. This feature activates
the interrupt via the INT-pin when free-fall is detected. The minimum detectable distance depends
on the individual product. Normal acceleration information is available when the FFD is enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com