Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCA3000-D01 Datasheet(PDF) 21 Page - VTI technologies

Part # SCA3000-D01
Description  Product Family Specification
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VTI [VTI technologies]
Direct Link  http://www.vti.fi
Logo VTI - VTI technologies

SCA3000-D01 Datasheet(HTML) 21 Page - VTI technologies

Back Button SCA3000-D01 Datasheet HTML 17Page - VTI technologies SCA3000-D01 Datasheet HTML 18Page - VTI technologies SCA3000-D01 Datasheet HTML 19Page - VTI technologies SCA3000-D01 Datasheet HTML 20Page - VTI technologies SCA3000-D01 Datasheet HTML 21Page - VTI technologies SCA3000-D01 Datasheet HTML 22Page - VTI technologies SCA3000-D01 Datasheet HTML 23Page - VTI technologies SCA3000-D01 Datasheet HTML 24Page - VTI technologies SCA3000-D01 Datasheet HTML 25Page - VTI technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 43 page
background image
SCA3000 Series
VTI Technologies Oy
21/ 43
www.vti.fi
Doc.Nr. 8257300A.07
Rev.A.07
Address value: 00010
Register name: MD_CTRL, Motion Detector control (Indirect access via CTRL_SEL)
Bits
Initial
Value
Name
Description
Note
7:6
Reserved
5
0
REQ_Z
1 – Require trigger on Z-channel
0 – Not required
4
0
REQ_X
1 – Require trigger on X-channel
0 – Not required
3
0
REQ_Y
1 – Require trigger on Y-channel
0 – Not required
Bits 5:3 can be
used to build logical
AND operation
between channels.
Example:
X and Y = Require
X and Y, ignore Z
→ 00 011 011
2
1
EN_Z
1 – Enable trigger on Z-channel
0 – Not required
1
1
EN_X
1 – Enable trigger on X-channel
0 – Not required
0
1
EN_Y
1 – Enable trigger on Y-channel
0 – Not required
Bits 2:0 can be
used to build logical
OR operation
between channels.
Example:
X or Y = Disable Z
→ 00 000 011
Address value: 00011
Register name: MD_Y_TH, Motion Detector Y-threshold (Indirect access via CTRL_SEL)
Bits
Initial
Value
Name
Description
7:0
10h or 08h
Y_TH
Threshold for Y-acceleration change when MD
is used.
Address value: 00100
Register name: MD_X_TH, Motion Detector X-threshold (Indirect access via CTRL_SEL)
Bits
Initial
Value
Name
Description
7:0
10h or 08h
X_TH
Threshold for X-acceleration change when MD
is used.
Address value: 00101
Register name: MD_Z_TH, Motion Detector Z-threshold (Indirect access via CTRL_SEL)
Bits
Initial
Value
Name
Description
7:0
10h or 08h
Z_TH
Threshold for Z-acceleration change when MD is
used.
Initial values for registers MD_X_TH, MD_Y_TH and MD_Z_TH vary with SCA3000 product types.
Initial value is:
10h for SCA3000-D01, SCA3000-D02, SCA3000-E01 and SCA3000-E02
08h for SCA3000-E04 and SCA3000-E05
The bit level descriptions for registers MD_X_TH, MD_Y_TH and MD_Z_TH are presented in,
Table 11 ...Table 14 below. The threshold levels are in unsigned format and they are absolute
values for the acceleration that triggers the motion detector interrupt. Values presented below are
typical threshold values and they are not factory calibrated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com