Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1953 Datasheet(PDF) 32 Page - Analog Devices

Part # AD1953
Description  SigmaDSP 3-Channel, 26-Bit Signal Processing DAC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1953 Datasheet(HTML) 32 Page - Analog Devices

Back Button AD1953_15 Datasheet HTML 28Page - Analog Devices AD1953_15 Datasheet HTML 29Page - Analog Devices AD1953_15 Datasheet HTML 30Page - Analog Devices AD1953_15 Datasheet HTML 31Page - Analog Devices AD1953_15 Datasheet HTML 32Page - Analog Devices AD1953_15 Datasheet HTML 33Page - Analog Devices AD1953_15 Datasheet HTML 34Page - Analog Devices AD1953_15 Datasheet HTML 35Page - Analog Devices AD1953_15 Datasheet HTML 36Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 32 / 36 page
background image
REV. 0
AD1953
–32–
The sub output of the AD1953 has a lower drive strength than
the left and right output pins (
±0.25 mA peak versus ±0.5 mA
peak for the left and right outputs). For this reason, it is best to
use higher resistor values in the external sub filter. Figure 24
shows a recommended filter design for the subwoofer output
pins used as a full-bandwidth channel in a custom-designed
program. This design is also a 100 kHz Bessel filter.
For best performance, a large (> 10
µF) capacitor should be
connected between the FILTCAP pin and analog ground. This
pin is connected to an internal node in the bias generator, and
by adding an external capacitance to this pin, the thermal noise
of the left/right channels is minimized. The sub channel is not
affected by this connection.
1.50k
3.01k
2.80k
2.7nF
499
1.00k
806
1nF
820pF
270pF
2.2nF
549
– INPUT
+ INPUT
OUT
Figure 22. Recommended External Analog Filter for
Main Channels
GRAPHICAL CUSTOM PROGRAMMING TOOLS
Custom programming tools are available for the AD1953 from
ADI. These graphical tools allow the user to modify the default
signal processing flow by individually placing each block (e.g.,
biquad filter, Phat Stereo, dynamics processor) and connecting
them in any desired fashion. The program then creates a file
that is loaded into the AD1953’s program RAM. All of the
contents of the parameter RAM can also be set using these
tools. For more information on these programming tools, email
SigmaDSP@analog.com.
3.01k
11k
11k
56nF
1.5k
5.62k
5.62k
27nF
15nF
6.8nF
220nF
604
– INPUT
+ INPUT
OUT
560nF
270nF
68pF
150pF
2.2nF
Figure 23. Recommended External Analog Filter for
Sub Channel
3.01k
11k
11k
56nF
1.5k
5.62k
5.62k
27nF
604
– INPUT
+ INPUT
OUT
68pF
150pF
2.2nF
Figure 24. Recommended External Analog Filter for Full
Bandwidth Signals on the Sub Channel Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com