Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1953 Datasheet(PDF) 22 Page - Analog Devices

Part # AD1953
Description  SigmaDSP 3-Channel, 26-Bit Signal Processing DAC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1953 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD1953_15 Datasheet HTML 18Page - Analog Devices AD1953_15 Datasheet HTML 19Page - Analog Devices AD1953_15 Datasheet HTML 20Page - Analog Devices AD1953_15 Datasheet HTML 21Page - Analog Devices AD1953_15 Datasheet HTML 22Page - Analog Devices AD1953_15 Datasheet HTML 23Page - Analog Devices AD1953_15 Datasheet HTML 24Page - Analog Devices AD1953_15 Datasheet HTML 25Page - Analog Devices AD1953_15 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 36 page
background image
REV. 0
AD1953
–22–
Table IV. Control Register 1 READ Definition
Register Bits
Function
1DSP Core Shutdown Complete
1 = Shutdown Complete
0 = Not Shut Down
0
Safe Memory Load Complete
1 = Complete (Note: Cleared after Read)
0 = Not Complete
Bit 0 is asserted when all requested safeload registers have been
transferred to the parameter RAM. It is cleared after the read
operation is complete.
Bit 1 is asserted after the requested shutdown of the DSP is
completed. When this bit is set, the user is free to write or read
any RAM location without causing an audio pop or click.
Table V. Control Register 2 WRITE Definition
Register Bits
Function
9Volume Ramp Speed
1 = 160 ms Full-Ramp Time
0 = 20 ms Full-Ramp Time
8
Serial Port Output Enable
1 = Enabled
0 = Disabled
7:6
Serial Port Input Select
00 = IN0
01 = IN1
10 = IN2
11 = NA
5:4
MCLK Input Select
00 = MCLK0
01 = MCLK1
10 = MCLK2
11 = NA
3Reserved
2
MCLK In Frequency Select
0 = 512
× f
S
1 = 256
× fS
1:0
MCLK Out Frequency Select
00 Disabled
01 512
× fS
10 256
× f
S
11 MCLKO = MCLK_In (Feedthrough)
Control Register 2
Table V documents the contents of Control Register 2. Bits
<1:0> set the frequency of the MCLKO pin. If these bits are set
to 00, the MCLKO pin is disabled (default). When set to 01,
the MCLKO pin is set to 512
× f
S, which is the same as the
internal master clock used by the DSP core. When set to 10,
this pin is set to 256
× fS, derived by dividing the internal DSP
clock by 2. In this mode, the output 256
× f
S clock will be inverted
with respect to the input 256
× f
S clock. This is not the case with
the feedthrough mode. When set to 11, the MCLKO pin mirrors
the selected MCLK input pin (it’s the output of the MCLK
MUX selector). Note that the internal DSP master clock may
either be the same as the selected MCLK pin (when MCLK
frequency select is set to 512
× f
S mode) or may be derived from
the MCLK pin using internal clock doubler (when MCLK fre-
quency select is set to 256
× fS).
Bit <2> selects one of two possible MCLK input frequencies. When
set to 0 (default), the MCLK frequency is set to 512
× f
S. In this mode,
the internal DSP clock and the external MCLK are at the same
frequency. When set to 1, the MCLK frequency is set to 256
× fS, and
an internal clock doubler is used to generate the DSP clock.
Bits <5:4> select one of three clock input sources using an inter-
nal MUX. To avoid click and pop noises when switching MCLK
sources, it is recommended that the user put the DSP core in
shutdown before switching MCLK sources.
Bits <7:6> select one of three serial input sources using an inter-
nal MUX. Each source selection includes a separate SDATA,
LRCLK, and BCLK input. To avoid click and pop noises when
switching serial sources, it is recommended that the user put the
DSP core in shutdown before writing to these bits.
Bit <8> is used to enable the three serial output pins. These pins
are connected to the output of the serial input MUX, which is set
by Bits <7:6>. The default is 0 (disabled).
Bit <9> changes the default setting of the volume ramp speed.
When set to 0, it will take 1024 LRCLK periods to go from full
volume (6 dB) to infinite attention. When set to 1, the same
operation will take 8192 LRCLK periods.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com